Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM343 Datasheet(PDF) 1 Page - DFI Inc

Part # WM343
Description  Wallmount Chassis for microATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM343 Datasheet(HTML) 1 Page - DFI Inc

  WM343 Datasheet HTML 1Page - DFI Inc WM343 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WM343
Wallmount Chassis for microATX
Features
Dimensions
Panel
microATX
• Wallmount Chassis for microATX motherboard
• Designed for ATM application
• Up to 2x 3.5"/2.5" SATA drive bays
• Optional optical drive bay
• Supports up to 4 expansion slots
• Color : no coating or black coating
4
Expansions
349
Front View
Right View
Left View
Rear View
Front View
Rear View


Similar Part No. - WM343

ManufacturerPart #DatasheetDescription
logo
DFI Inc
WM343-CMS DFI-WM343-CMS Datasheet
1,016Kb / 4P
10th Gen Intel® CoreTM Wallmount Box IPC
WM343-CMS330-H420E DFI-WM343-CMS330-H420E Datasheet
1,016Kb / 4P
10th Gen Intel® CoreTM Wallmount Box IPC
WM343-CMS330-Q470E DFI-WM343-CMS330-Q470E Datasheet
1,016Kb / 4P
10th Gen Intel® CoreTM Wallmount Box IPC
WM343-CS330 DFI-WM343-CS330 Datasheet
978Kb / 4P
8th/9th Gen Intel® CoreTM Desktop Box IPC
WM343-CS331 DFI-WM343-CS331 Datasheet
992Kb / 4P
8th/9th Gen Intel® CoreTM Desktop Box IPC
More results

Similar Description - WM343

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-5122 ADVANTECH-IPC-5122 Datasheet
652Kb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard with PS/2 Power Supply
12-Aug-2009
IPC-5120 ADVANTECH-IPC-5120_12 Datasheet
2Mb / 2P
Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5122 ADVANTECH-IPC-5122_12 Datasheet
2Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7120 ADVANTECH-IPC-7120_12 Datasheet
2Mb / 2P
Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-7130 ADVANTECH-IPC-7130 Datasheet
2Mb / 2P
Desktop/Wallmount Chassis with Dual SAS/SATA HDD Trays for ATX/MicroATX Motherboard
IPC-7130L ADVANTECH-IPC-7130L_15 Datasheet
940Kb / 2P
Desktop/Wallmount Chassis for ATX/MicroATX Motherboard
HPC-7320MB-00XE ADVANTECH-HPC-7320MB-00XE Datasheet
795Kb / 2P
3U Short-depth Rackmount/Wallmount/ Tower Chassis for EATX/ATX/MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_17 Datasheet
1Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7130 ADVANTECH-IPC-7130_17 Datasheet
1Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_V01 Datasheet
1Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
1-Jun-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com