Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM343 Datasheet(PDF) 4 Page - DFI Inc

Part # WM343
Description  Wallmount Chassis for microATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM343 Datasheet(HTML) 4 Page - DFI Inc

  WM343 Datasheet HTML 1Page - DFI Inc WM343 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 23, 2020 DFI Inc.
WM343
Ordering Information
Optional Items
Model Name
Part Number
Description
WM343
7A0-WM3430-000G
WM343:uATX Chassis, no coating, W/Flex Power 250W F/G RoHS
WM343
7A0-WM3430-001G
WM343:uATX Chassis, no coating, W/O Power F/G RoHS
WM343
7A0-WM3430-100G
WM343:uATX Chassis, no coating, W/Flex Power 250W, 2 x 3.5" HDD bracket F/G
RoHS
WM343
7A0-WM3430-200G
WM343:uATX Chassis, Black, W/Flex Power 250W F/G RoHS
WM343
7A0-WM3430-300G
WM343:uATX Chassis, Black, W/O Power F/G RoHS
Optional Items
Part Number
Description
2.5” HDD/SSD
Support
531-510360-000G
One F3 x5 Copper Standoff, RoHS (note: one bay needs 4 pcs of standoff)
Power Cord
785-PWRD
Power Cord, Standards (USA/EUR/CH), 1.8m, RoHS
Wall Mount
761-WM3410-000G WM343/WM341 Wall Mount Kit, RoHS
Packing List
• 1 WM343 Chassis
• 1 SATA Data Cable (Length: 650mm)
• 4 HDD Screws
• 1 250W PSU
• 1 System Fan



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com