Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1782200 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1782200
Description  Printed-circuit board connector - MC 1,5/ 9-GF-3,81 P14 THRR72
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1782200 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1782200 Datasheet HTML 1Page - PHOENIX CONTACT 1782200 Datasheet HTML 2Page - PHOENIX CONTACT 1782200 Datasheet HTML 3Page - PHOENIX CONTACT 1782200 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1782200
10/27/2014   Page 1 / 4
Printed-circuit board connector - MC 1,5/ 9-GF-3,81 P14
THRR72 - 1782200
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 9, Pitch: 3.81 mm, Color: black,
Contact surface: Tin, Assembly: SMD/THT/THR
The illustration shows the 10-position
version
Product Features
 Low-profile THR headers with a compact pitch
 Plug-in direction parallel to the PCB
 Pitch: 3.81 mm
 Delivery form: tape-on-reel packing according to IEC 60286-3 for automated mounting
 Use in SMT reflow processes
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
470 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
9.2 mm
Pitch
3.81 mm
Dimension a
30.48 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.4 mm
General
Range of articles
MC 1,5/..-GF-THR


Similar Part No. - 1782200

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1782213 PHOENIX-1782213 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,81 P14THRR72
1782226 PHOENIX-1782226 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/11-GF-3,81 P14THRR72
1782239 PHOENIX-1782239 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/12-GF-3,81 P14THRR72
logo
Festo Corporation.
1782253 FESTO-1782253 Datasheet
97Kb / 2P
ISO cylinder
1782254 FESTO-1782254 Datasheet
97Kb / 2P
ISO cylinder
More results

Similar Description - 1782200

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702669 PHOENIX-1702669 Datasheet
72Kb / 3P
Printed-circuit board connector - MC 1,5/12-G-3,81 P14 THRR72
1789779 PHOENIX-1789779 Datasheet
97Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,5 P14 THRR72
1781803 PHOENIX-1781803 Datasheet
77Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-GF-3,81 P14 THR
1781816 PHOENIX-1781816 Datasheet
77Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-GF-3,81 P14 THR
1781829 PHOENIX-1781829 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/ 4-GF-3,81 P14 THR
1781858 PHOENIX-1781858 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-GF-3,81 P14 THR
1781861 PHOENIX-1781861 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-GF-3,81 P14 THR
1781874 PHOENIX-1781874 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-GF-3,81 P14 THR
1781890 PHOENIX-1781890 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/11-GF-3,81 P14 THR
1781900 PHOENIX-1781900 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/12-GF-3,81 P14 THR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com