Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1782200 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1782200
Description  Printed-circuit board connector - MC 1,5/ 9-GF-3,81 P14 THRR72
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1782200 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1782200 Datasheet HTML 1Page - PHOENIX CONTACT 1782200 Datasheet HTML 2Page - PHOENIX CONTACT 1782200 Datasheet HTML 3Page - PHOENIX CONTACT 1782200 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1782200
10/27/2014   Page 2 / 4
Printed-circuit board connector - MC 1,5/ 9-GF-3,81 P14
THRR72 - 1782200
Technical data
General
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Insulating material
LCP
Inflammability class according to UL 94
V0
Color
black
Number of positions
9
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 4.0
EC002637
ETIM 5.0
EC002637
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com