Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20EP Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM20EP
Description  Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM20EP Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM20EP Datasheet HTML 1Page - National Semiconductor (TI) LM20EP Datasheet HTML 2Page - National Semiconductor (TI) LM20EP Datasheet HTML 3Page - National Semiconductor (TI) LM20EP Datasheet HTML 4Page - National Semiconductor (TI) LM20EP Datasheet HTML 5Page - National Semiconductor (TI) LM20EP Datasheet HTML 6Page - National Semiconductor (TI) LM20EP Datasheet HTML 7Page - National Semiconductor (TI) LM20EP Datasheet HTML 8Page - National Semiconductor (TI) LM20EP Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Mounting (Continued)
Capacitive Loads
The LM20EP handles capacitive loading well. Without any
precautions, the LM20EP can drive any capacitive load less
than 300 pF as shown in Figure 4. Over the specified tem-
perature range the LM20EP has a maximum output imped-
ance of 160
Ω. In an extremely noisy environment it may be
necessary to add some filtering to minimize noise pickup. It
is recommended that 0.1 µF be added from V
+ to GND to
bypass the power supply voltage, as shown in Figure 5.Ina
noisy environment it may even be necessary to add a ca-
pacitor from the output to ground with a series resistor as
shown in Figure 5. A 1 µF output capacitor with the 160
Ω
maximum output impedance and a 200
Ω series resistor will
form a 442 Hz lowpass filter. Since the thermal time constant
of the LM20EP is much slower, the overall response time of
the LM20EP will not be significantly affected.
SC70-5
SC70-5
no heat sink
small heat sink
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Still air
412
0.2
350
0.19
SC70-5
SC70-5
no heat sink
small heat sink
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Moving air
312
0.17
266
0.15
See Figure 1 for PCB layout samples.
micro SMD
micro SMD
no heat sink
small heat fin
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Still air
340
0.18
TBD
TBD
micro SMD
micro SMD
no heat sink
small heat fin
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Moving air
TBD
TBD
TBD
TBD
FIGURE 3. Temperature Rise of LM20EP Due to
Self-Heating and Thermal Resistance (
θ
JA)
20099915
FIGURE 4. LM20EP No Decoupling Required for
Capacitive Loads Less than 300 pF.
R(
Ω)
C (µF)
200
1
470
0.1
680
0.01
1 k
0.001
20099916
20099933
FIGURE 5. LM20EP with Filter for Noisy Environment and Capacitive Loading greater than 300 pF. Either placement
of resistor as shown above is just as effective.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com