Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20EP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM20EP
Description  Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM20EP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM20EP Datasheet HTML 1Page - National Semiconductor (TI) LM20EP Datasheet HTML 2Page - National Semiconductor (TI) LM20EP Datasheet HTML 3Page - National Semiconductor (TI) LM20EP Datasheet HTML 4Page - National Semiconductor (TI) LM20EP Datasheet HTML 5Page - National Semiconductor (TI) LM20EP Datasheet HTML 6Page - National Semiconductor (TI) LM20EP Datasheet HTML 7Page - National Semiconductor (TI) LM20EP Datasheet HTML 8Page - National Semiconductor (TI) LM20EP Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM20EP
Enhanced Plastic 2.4V, 10µA, SC70, micro SMD
Temperature Sensor
General Description
The LM20EP is a precision analog output CMOS integrated-
circuit temperature sensor that operates over a −55˚C to
+130˚C temperature range. The power supply operating
range is +2.4 V to +5.5 V. The transfer function of LM20EP is
predominately linear, yet has a slight predictable parabolic
curvature. The accuracy of the LM20EP when specified to a
parabolic transfer function is ±1.5˚C at an ambient tempera-
ture of +30˚C. The temperature error increases linearly and
reaches a maximum of ±2.5˚C at the temperature range
extremes. The temperature range is affected by the power
supply voltage. At a power supply voltage of 2.7 V to 5.5 V
the temperature range extremes are +130˚C and −55˚C.
Decreasing the power supply voltage to 2.4 V changes the
negative extreme to −30˚C, while the positive remains at
+130˚C.
The LM20EP’s quiescent current is less than 10 µA. There-
fore, self-heating is less than 0.02˚C in still air. Shutdown
capability for the LM20EP is intrinsic because its inherent
low power consumption allows it to be powered directly from
the output of many logic gates or does not necessitate
shutdown at all.
ENHANCED PLASTIC
•
Extended Temperature Performance of −55˚C to +130˚C
•
Baseline Control - Single Fab & Assembly Site
•
Process Change Notification (PCN)
•
Qualification & Reliability Data
•
Solder (PbSn) Lead Finish is standard
•
Enhanced Diminishing Manufacturing Sources (DMS)
Support
Features
n
Rated for full −55˚C to +130˚C range
n
Available in an SC70 and a micro SMD package
n
Predictable curvature error
n
Suitable for remote applications
Key Specifications
j Accuracy at +30˚C
±1.5 to ±4 ˚C (max)
j Accuracy at +130˚C & −55˚C
±2.5 to ±5 ˚C (max)
j Power Supply Voltage Range
+2.4V to +5.5V
j Current Drain
10 µA (max)
j Nonlinearity
±0.4 % (typ)
j Output Impedance
160
Ω (max)
j Load Regulation
0µA < I
L< +16 µA
−2.5 mV (max)
Applications
n
Battery Management
n
Selected Military Applications
n
Selected Avionics Applications
Ordering Information
PART NUMBER
VID PART NUMBER
NS PACKAGE NUMBER (Note 3)
LM20CIM7EP
V62/04728-01
MAA05A
(Notes 1, 2)
TBD
TBD
Note 1: For the following (Enhanced Plastic) version, check for availability: LM20SIBPEP, LM20SIBPXEP, LM20BIM7EP, LM20BIM7XEP,
LM20CIM7XEP, LM20SITLEP, LM20SITLXEP. Parts listed with an "X" are provided in Tape & Reel and parts without an "X" are in Rails.
Note 2: FOR ADDITIONAL ORDERING AND PRODUCT INFORMATION, PLEASE VISIT THE ENHANCED PLASTIC WEB SITE AT: www.national.com/
mil
Note 3: Refer to package details under Physical Dimensions
May 2004
© 2004 National Semiconductor Corporation
DS200999
www.national.com


Similar Part No. - LM20EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
List of Unclassifed Man...
LM20 ETC-LM20 Datasheet
449Kb / 1P
HIGH PRECISION PLATE RESISTORS
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 25P
DSBGA Temperature Sensor
More results

Similar Description - LM20EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19 Datasheet
173Kb / 8P
2.4V, 10uA, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
Ultra-low current 2.4V precision analog temperature sensor
26-Nov-2007
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com