Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8881U/2DA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8881U/2DA
Description  132 x 132 RGB single chip TFT driver with DC-to-DC converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8881U/2DA Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8881U/2DA Datasheet HTML 1Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 2Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 3Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 4Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 5Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 6Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 7Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 8Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2004 Aug 10
4
Philips Semiconductors
Objective specification
132
× 132 RGB single chip TFT driver
with DC-to-DC converter
PCF8881
4
QUICK REFERENCE DATA
VDDD = 2.7 V to 3.3 V; VDDA = 2.7 V to 3.3 V; VSSD =VSSA =0V; Tamb = −40 °C to +70 °C; fosc = 227.8 kHz; data = 00h.
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Supplies
VDDD
logic supply voltage range
1.65
1.8
1.95
V
VDDA
analog supply voltage range
2.6
2.75
2.9
V
VSSD
logic ground level
0.0
V
VSSA
analog ground level
0.0
V
Logic Inputs
VIH
HIGH level input voltage
0.7VSSD
VDDD
V
VIL
LOW level input voltage
0
0.3VDDD
V
IL
input leakage current
VI =VDDD or VSSD
−1+1
µA
Logic Outputs
VOH
HIGH level output voltage
current = 1 mA
0.8VDDD
VDDD
V
VOL
LOW level output voltage
current = 1 mA
VSSD
0.2VSSD
V
Current consumption analog and logic
Power-down
IDDD
logic current consumption
0
0
µA
IDDA
analog current consumption
10
20
µA
4.1
Output load model
handbook, full pagewidth
MDB409
OUTPUT
DRIVER
CCCCC
(1)
R
Pad
RRRR
Fig.1 Output load model.
(1) ESD protection.
R values are k
Ω; C values are pF. For a single RC model: R = 5R kΩ; C = 5C pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com