Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8881U/2DA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8881U/2DA
Description  132 x 132 RGB single chip TFT driver with DC-to-DC converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8881U/2DA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8881U/2DA Datasheet HTML 3Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 4Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 5Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 6Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 7Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 8Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 9Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 10Page - NXP Semiconductors PCF8881U/2DA Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2004 Aug 10
7
Philips Semiconductors
Objective specification
132
× 132 RGB single chip TFT driver
with DC-to-DC converter
PCF8881
8
APPLICATION INFORMATION
001aaa304
PCF8881
LCD
panel
MPU
INDUCTIVE
DC-TO-DC
CONVERTER
IREF
VBG
VDDD[MODE]
VDDD[MODE]
SCAN_MODE[1]
VSSD[MODE]
VSSD[MODE]
SCAN_MODE[0]
ISEL[2]
ISEL[1]
FRM_MODE
T[6:4]
T[3:1]
OSC
VDDD
ISEL[0]
WR_N
D[0]/SDA
D[2]
D[4]
D[6]
WR_N
D[0]/SDA
D[2]
D[4]
D[6]
D[8]
D[10]
D[12]
D[14]
CS_N
TE
RES_N
D[15]
D[13]
D[11]
D[9]
D[7]
D[5]
D[3]
D[1]
DCX/SCL
RD_N
D[7]
D[5]
D[3]
D[1]
DCX/SCL
RD_N
VSSD
VSSA
VDDA
SWCTRLP
SWCTRLN
VGL_OUT
VGL_IN
VSN_OUT
VSN_IN
VSP_OUT
VSP_IN
VGH_OUT
VGH_IN
logic LOW
logic LOW
logic LOW
1.8 V
logic HIGH
VCOM
0 V
2.7 V
S395 to S0
G131 to G0
CS_N
RES_N
132 row drivers
396 column drivers
Leave all remaining pads open circuit.
Fig.3 Typical application using 8-bit 8080 I/F and inductive DC-to-DC converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com