Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLC Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # ATLC
Description  Board to wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ATLC Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  ATLC Datasheet HTML 1Page - JST Mfg. Co., Ltd. ATLC Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
35.9
(30.48)
2.54
6.5
14
ATLC CONNECTOR
Female terminal
Female connector
Yellow
Gray
Housing
Color
Black
Natural
TPA and CPA
Color
1,500
1,500
21
Q’ty/box
Circuits
Model No.
ATLCPB-21
B-2AY
ATLCPB-21
B-2BH
6,500
6,500
6,500
6,500
Q’ty/reel
Applicable wire range
Insulation O.D.
(mm)
Model No.
qSAIT-A03T-M064
qSAIT-A02T-M064
wSAIT-A03GF-M064
wSAIT-A02GF-M064
Conductor
(mm2)
0.35 to 0.5
0.75
0.35 to 0.5
0.75
Material and Finish
1.9
1.9
1.9
1.9
copper alloy, tin-plated (reflow treatment)
whopper alloy, nickel-undercoated, Contact area; gold-plated
Barrel area; tin-plated
Material and Finish
Housing: PBT
TPA: Glass-filled PBT
CPA: Glass-filled PBT
Crimping machine, Applicator
Note: When crimping operation is conducted using an applicator and die set other than the above, JST cannot guarantee the performance of the terminal.
Crimp applicator MKS-L
Strip terminal
SAIT-A03( )-M064
SAIT-A02( )-M064
Dies
Crimp applicator with dies
APLMK SAIT-A03-064
APLMK SAIT-A02-064
MK/SAIT-A03-064
MK/SAIT-A02-064
Crimping
machine
AP-K2N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com