Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLC Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # ATLC
Description  Board to wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ATLC Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  ATLC Datasheet HTML 1Page - JST Mfg. Co., Ltd. ATLC Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
ATLCCONNECTOR
Board-to-wire
Board-to-wire
21 Circuits 0.64 Unsealed Connector system with CPA.
Ultra low profile design.
●21 circuits: 0.64 Unsealed Connector
●CPA (Connector Position Assurance) Design
●Key option is available.
●High Temperature Resistance
¡Current rating: 5 A AC, DC max.
¡Voltage rating: 14 V AC, DC
¡Temperature range: -40°C to +125°C
(including temperature rise in applying
electrical current)
¡Contact resistance: Initial value/ 15 mΩ max.
After environmental tests/ 15 mΩ max.
¡Insulation resistance: 100 MΩ min.
¡Withstanding voltage: 1,000 VAC/minute
¡Applicable wire: FLR2X
0.35 mm2 to 0.75 mm2
Features
Specifications
∗ Compliant with ELV/RoHS
2.
∗ Contact JST for details.


Similar Part No. - ATLC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATL-1M114275S ABRACON-ATL-1M114275S Datasheet
1Mb / 5P
Low Profile TLVR Inductor
9/23/2024
ATL-1Z100512S ABRACON-ATL-1Z100512S Datasheet
1Mb / 8P
Trans-inductor Voltage Regulator (TLVR) Coupled Inductor
IR 12-08-23
ATL-1Z100512SR07KT ABRACON-ATL-1Z100512SR07KT Datasheet
1Mb / 8P
Trans-inductor Voltage Regulator (TLVR) Coupled Inductor
IR 12-08-23
ATL-1Z100512SR08KT ABRACON-ATL-1Z100512SR08KT Datasheet
1Mb / 8P
Trans-inductor Voltage Regulator (TLVR) Coupled Inductor
IR 12-08-23
ATL-1Z100512SR09KT ABRACON-ATL-1Z100512SR09KT Datasheet
1Mb / 8P
Trans-inductor Voltage Regulator (TLVR) Coupled Inductor
IR 12-08-23
More results

Similar Description - ATLC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87942-7001 MOLEX-87942-7001 Datasheet
168Kb / 2P
Wire-to-Board Connector
logo
Dubilier
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
Adam Technologies, Inc.
25SH-B-XX-MTS ADAM-TECH-25SH-B-XX-MTS Datasheet
79Kb / 1P
WIRE TO BOARD PITCH
logo
JST Mfg. Co., Ltd.
TCUD JST-TCUD Datasheet
340Kb / 3P
Board-to-wire
logo
List of Unclassifed Man...
4071-XXTXB ETC-4071-XXTXB Datasheet
167Kb / 1P
2.54mm Wire to Board
Ver.No. B3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com