Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200 Datasheet(PDF) 1 Page - Intel Corporation

Part # AX200
Description  Nearly 40% higher peak data rates and up to 4x capacity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AX200 Datasheet(HTML) 1 Page - Intel Corporation

  AX200 Datasheet HTML 1Page - Intel Corporation AX200 Datasheet HTML 2Page - Intel Corporation AX200 Datasheet HTML 3Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
607009-001
Nearly 40% higher peak data rates and up to 4x capacity
The Intel® Wi-Fi 6 AX200 adapter is designed to support the upcoming
IEEE 802.11ax standard – Wi-Fi 6 technology and the Wi-Fi Alliance
Wi-Fi 61 certification. The product supports 2x2 Wi-Fi 6 technology,
including new features such as UL and DL OFDMA and 1024QAM,
delivering data rates of up to 2.4Gbps2 and increased network
capacity as well as Bluetooth® 5 support. These new features deliver a
significant improvement in user experience in dense deployments,
supporting fast uploads and downloads, lower latency and longer
battery life compared to solutions supporting 802.11ac. Combined
with Intel® Core™ processors and exceptional Intel wireless
innovations, the Intel® Wi-Fi 6 AX200 module can provide Gigabit
wireless speed2 and dramatically improve your connected experience
at home, work, or on the go.
1ST GENERATION INTEL Wi-Fi 6 WIRELESS
Increased Capacity
Faster Speed
Better Coverage
Extended battery life
802.11ax Dual band 2x2
160MHz
By implementing the new 802.11ax standard with its unique features such as OFDMA,
1024QAM, Target Wake Time (TWT) and spatial reuse, Intel® Wi-Fi 6 AX200 module
enables smooth streaming of high resolution videos, fewer dropped connections, and
faster connections farther away from the router and in dense environments.
When using Wi-Fi 6 technology with 1024QAM and 160MHz channels, Intel® Wi-Fi 6
AX200 module can deliver nearly 40% higher peak data rates3 (up to 2.4Gbps) and up to
4x capacity improvement in dense or congested environments comparing to 802.11ac4.
Bluetooth® 5
Bluetooth® 5 provides 4x5 range over Bluetooth® 4.2 using the same Tx power, enabling
coverage throughout the home. Bluetooth® 5 also doubles data rates speed for faster
transmissions thereby reducing the overall power consumption. Additionally, Bluetooth® 5
adds new enhanced data broadcasting enabling seamless services such as location-based
services and simpler pairing for Bluetooth® devices.
Microsoft Windows* 10
Full support for latest Microsoft Windows* 10 OS.
Form Factors
(M.2 2230 and 1216)
M.2 2230 modules enable system configuration and platform usage flexibility with the use
of a standard Key E socket for attaching the module.
M.2 1216 modules enable platform design providing savings on motherboard space and
BOM.
Productbrief
Intel® Wi-Fi 6 AX200 Module
1st Generation Wi-Fi 6 (802.11ax1) Solution
Intel® Wi-Fi 6 AX200 Module


Similar Part No. - AX200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX2000 MICROSEMI-AX2000 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX2000 MICROSEMI-AX2000 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
AX2000-1BG896 ACTEL-AX2000-1BG896 Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX2000-1BG896B ACTEL-AX2000-1BG896B Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX2000-1BG896I ACTEL-AX2000-1BG896I Datasheet
2Mb / 226P
Axcelerator Family FPGAs
More results

Similar Description - AX200

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
NH13 A-DATA-NH13 Datasheet
611Kb / 1P
SuperSpeed USB 3.0 Interface:Delivers data transfer rates up to 5Gb/s.
logo
Texas Instruments
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
logo
List of Unclassifed Man...
WT12-A-AI ETC2-WT12-A-AI Datasheet
358Kb / 3P
Enhanced Data Rates (EDR) with data throughput up to 2-3Mbps
logo
Molex Electronics Ltd.
1064101025 MOLEX11-1064101025 Datasheet
48Kb / 1P
QSFP-to-QSFP Active Optical Cable Assembly, 40 Gbps Data Rates
1064101070 MOLEX11-1064101070 Datasheet
48Kb / 1P
QSFP-to-QSFP Active Optical Cable Assembly, 40 Gbps Data Rates
1064101180 MOLEX11-1064101180 Datasheet
48Kb / 1P
QSFP-to-QSFP Active Optical Cable Assembly, 40 Gbps Data Rates
1064101250 MOLEX11-1064101250 Datasheet
48Kb / 1P
QSFP-to-QSFP Active Optical Cable Assembly, 40 Gbps Data Rates,
logo
Texas Instruments
DS100KR800 TI1-DS100KR800_16 Datasheet
6Mb / 52P
8-Channel Repeater for Data-Rates Up to 10.3 Gbps
logo
Toshiba Semiconductor
DT01ACA300 TOSHIBA-DT01ACA300 Datasheet
594Kb / 2P
Up to 3 TB of Data Storage Capacity
logo
Ultralife Corporation.
UBBL13-01 ULTRALIFE-UBBL13-01 Datasheet
838Kb / 3P
SMBus Higher Capacity
Rev: H
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com