Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS032B7DD02 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LS032B7DD02
Description  The Sharp Memory LCD Suite
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS032B7DD02 Datasheet(HTML) 7 Page - Sharp Corporation

  LS032B7DD02 Datasheet HTML 1Page - Sharp Corporation LS032B7DD02 Datasheet HTML 2Page - Sharp Corporation LS032B7DD02 Datasheet HTML 3Page - Sharp Corporation LS032B7DD02 Datasheet HTML 4Page - Sharp Corporation LS032B7DD02 Datasheet HTML 5Page - Sharp Corporation LS032B7DD02 Datasheet HTML 6Page - Sharp Corporation LS032B7DD02 Datasheet HTML 7Page - Sharp Corporation LS032B7DD02 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ME DIC A L MONI T OR ING
|
W R I S T W A T C HE S
|
F I S H F INDE R S
|
W HI TE GOODS
|
R E T A IL T A G S
|
A NY P R ODUCT W I TH A B A T TE R Y
4.4-inch (diagonal) Memory LCD
HR-TFT Landscape Transflective Display
Part Number
LS044Q7DH01
Pixel Format
320 × 240
Outline Dimensions (mm) 94.8 × 75.2 × 1.64
Active Area (mm)
89.6 × 67.2
Dot Pitch (mm)
0.280 × 0.280
Input Voltage
5 V
Interface Type
3 V Serial
Reflectance
18%
Power Consumption*
100 µW Static, 600 µW Dynamic
Connector
FPC
Operating Temp. Range
-20 to +70°C
*Typical
3.16-inch (diagonal) Memory LCD
HR-TFT Portrait Transflective Display
Part Number
LS032B7DD02
Pixel Format
336 × 536
Outline Dimensions (mm) 47.02 × 76.0 × 0.705
Active Area Diameter (mm) 46.672 × 68.072
Dot Pitch (mm)
0.127 × 0.127
Input Voltage
5 V
Interface Type
3 V Serial
Reflectance
TBD
Power Consumption*
40 µW Static, 250 µW Dynamic
Connector
FPC
Operating Temp. Range
-20 to +70°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com