Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS032B7DD02 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LS032B7DD02
Description  The Sharp Memory LCD Suite
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS032B7DD02 Datasheet(HTML) 4 Page - Sharp Corporation

  LS032B7DD02 Datasheet HTML 1Page - Sharp Corporation LS032B7DD02 Datasheet HTML 2Page - Sharp Corporation LS032B7DD02 Datasheet HTML 3Page - Sharp Corporation LS032B7DD02 Datasheet HTML 4Page - Sharp Corporation LS032B7DD02 Datasheet HTML 5Page - Sharp Corporation LS032B7DD02 Datasheet HTML 6Page - Sharp Corporation LS032B7DD02 Datasheet HTML 7Page - Sharp Corporation LS032B7DD02 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
W E A R A B L E TE C HNOL OG Y | MOB IL E P HONE S | R EMO TE CON TR OL S | P E R F OR MA NC E TR A C K ING | P A R K ING/S MA R T U TIL I T Y ME TE R S
1.17-inch (diagonal) Memory LCD
HR-TFT Landscape Transflective Display
Part Number
LS012B7DD01
Pixel Format
184 × 38
Outline Dimensions (mm) 35.1 × 11.0 × 0.741
Active Area (mm)
29.072 × 6.004
Dot Pitch (mm)
0.158 × 0.158
Input Voltage
3 V
Interface Type
3 V Serial
Reflectance
15%
Power Consumption*
6 µW Static, 50 µW Dynamic
Connector
FPC
Operating Temp. Range
-20 to +70°
1.26-inch (diagonal) Memory LCD
HR-TFT Portrait Transflective Display
Part Number
LS013B7DH05
Pixel Format
144 × 168
Outline Dimensions (mm)
24.68 × 30.0 × 0.745
Active Area (mm)
20.88 × 24.36
Dot Pitch (mm)
0.145 × 0.145
Input Voltage
3 V
Interface Type
3 V Serial
Reflectance
14.5%
Power Consumption*
25 µW Static, 35 µW Dynamic
Connector
FPC
Operating Temp. Range
-20 to +70°C
*Typical



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com