Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24J40MB Datasheet(PDF) 3 Page - Microchip Technology

Part # MRF24J40MB
Description  2.4 GHz IEEE Std. 802.15.4, 20 dBm RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40MB Datasheet(HTML) 3 Page - Microchip Technology

  MRF24J40MB Datasheet HTML 1Page - Microchip Technology MRF24J40MB Datasheet HTML 2Page - Microchip Technology MRF24J40MB Datasheet HTML 3Page - Microchip Technology MRF24J40MB Datasheet HTML 4Page - Microchip Technology MRF24J40MB Datasheet HTML 5Page - Microchip Technology MRF24J40MB Datasheet HTML 6Page - Microchip Technology MRF24J40MB Datasheet HTML 7Page - Microchip Technology MRF24J40MB Datasheet HTML 8Page - Microchip Technology MRF24J40MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70599B-page 1
MRF24J40MB
Features:
• IEEE Std. 802.15.4™ Compliant RF Transceiver
• Supports ZigBee®, MiWi™, MiWi P2P and
Proprietary Wireless Networking Protocols
• Small Size: 0.9" x 1.3" (22.9 mm x 33.0 mm),
Surface Mountable
• Integrated Crystal, Internal Voltage Regulator,
Matching Circuitry, Power Amplifier, Low Noise
Amplifier and PCB Antenna
• Easy Integration into Final Product – Minimize
Product Development, Quicker Time to Market
• Radio Regulation Certified for United States
(FCC), Canada (IC) and Europe (ETSI)
• Compatible with Microchip Microcontroller
Families (PIC16F, PIC18F, PIC24F/H, dsPIC33
and PIC32)
• Up to 4000 ft. Range
Operational:
• Operating Voltage: 2.4-3.6V (3.3V typical)
• Temperature Range: -40
C to +85C Industrial
• Simple, Four-Wire SPI Interface
• Low-Current Consumption:
- RX mode: 25 mA (typical)
- TX mode: 130 mA (typical)
- Sleep: 5
A (typical)
RF/Analog Features:
• ISM Band 2.405-2.475 GHz Operation
• Data Rate: 250 kbps
• -102 dBm Typical Sensitivity with -23 dBm
Maximum Input Level
• +20 dBm Typical Output Power with 56 dB TX
Power Control Range
• Integrated Low Phase Noise VCO, Frequency
Synthesizer and PLL Loop Filter
• Digital VCO and Filter Calibration
• Integrated RSSI ADC and I/Q DACs
• Integrated LDO
• High Receiver and RSSI Dynamic Range
MAC/Baseband Features:
• Hardware CSMA-CA Mechanism, Automatic ACK
Response and FCS Check
• Independent Beacon, Transmit and GTS FIFO
• Supports all CCA modes and RSS/LQI
• Automatic Packet Retransmit Capable
• Hardware Security Engine (AES-128) with CTR,
CCM and CBC-MAC modes
• Supports Encryption and Decryption for MAC
Sublayer and Upper Layer
FIGURE 1:
PIN DIAGRAM
2
3
4
5
6
1
7
VIN
GND
8
9
10
RESET
WAKE
SDO
SDI
SCK
CS
NC
GND
INT
12
11
GND
2.4 GHz IEEE Std. 802.15.4™ 20 dBm RF Transceiver Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com