Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24J40MB Datasheet(PDF) 13 Page - Microchip Technology

Part # MRF24J40MB
Description  2.4 GHz IEEE Std. 802.15.4, 20 dBm RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40MB Datasheet(HTML) 13 Page - Microchip Technology

Back Button MRF24J40MB Datasheet HTML 9Page - Microchip Technology MRF24J40MB Datasheet HTML 10Page - Microchip Technology MRF24J40MB Datasheet HTML 11Page - Microchip Technology MRF24J40MB Datasheet HTML 12Page - Microchip Technology MRF24J40MB Datasheet HTML 13Page - Microchip Technology MRF24J40MB Datasheet HTML 14Page - Microchip Technology MRF24J40MB Datasheet HTML 15Page - Microchip Technology MRF24J40MB Datasheet HTML 16Page - Microchip Technology MRF24J40MB Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70599B-page 11
MRF24J40MB
TABLE 2-1:
MRF24J40MB BILL OF MATERIALS
Designator
Description
Manufacturer
Part Number
C2
Chip Capacitor 0402 COG 0.5P
Johanson Technology
500R07S0R5AV4T
C3
Chip Capacitor 0402 COG 0.5P
Johanson Technology
500R07S0R5AV4T
C4
Chip Capacitor 0402 COG 1.0P
Johanson Technology
500R07S1R0BV4T
C5
Chip Capacitor 0402 COG 1.5P
Murata
GRM1555C1H1R5CZ01D
C6
Not Used
C7
Chip Capacitor 0402 COG 4.7P
Murata
GRM1555C1H4R7CZ01D
C8
Chip Capacitor 0402 COG 4.7P
Murata
GRM1555C1H4R7CZ01D
C9
Chip Capacitor 0402 COG 10P
Murata
GRM1555C1H100JZ01D
C10
Chip Capacitor 0402 COG 10P
Murata
GRM1555C1H100JZ01D
C11
Chip Capacitor 0402 X5R 100N
Murata
GRM155R61A104KA01D
C12
Chip Capacitor 0402 X5R 100N
Murata
GRM155R61A104KA01D
C13
Chip Capacitor 0402 COG 15P
Murata
GRM1555C1H150JZ01D
C14
Chip Capacitor 0402 COG 15P
Murata
GRM1555C1H150JZ01D
C16
Chip Capacitor 0402 COG 22P
Murata
GRM1555C1H220JZ01D
C17
Chip Capacitor 0402 X5R 100N
Murata
GRM155R61A104KA01D
C18
Chip Capacitor 0402 COG 5.6P
Murata
GRM1555C1H5R6CZ01D
C19
Chip Capacitor 0402 COG 1.8P
Murata
GRM1555C1H1R8CZ01D
C20
Chip Capacitor 0402 X7R 1N
Murata
GRM155R71H102KA01D
C21
Chip Capacitor 0402 COG 47P
Murata
GRM1555C1H470JZ01D
C22
Chip Capacitor 0402 X7R 1N
Murata
GRM155R71H102KA01D
C23
Chip Capacitor 0402 COG 47P
Murata
GRM1555C1H470JZ01D
C24
Not Used
C25
Chip Capacitor 0402 X7R 1N
Murata
GRM155R71H102KA01D
C26
Chip Capacitor 0402 X5R 100N
Murata
GRM155R61A104KA01D
C27
Chip Capacitor 0402 COG 10P
Murata
GRM1555C1H100JZ01D
C28
Chip Capacitor 0402 COG 100P
Murata
GRM1555C1H101JZ01D
C29
Chip Capacitor 0402 X5R 100N
Murata
GRM155R61A104KA01D
C30
Chip Capacitor 0402 COG 47P
Murata
GRM1555C1H470JZ01D
C31
Chip Capacitor 0402 COG 1.5P
Johanson Technology
500R07S1R5BV4T
C32
Chip Capacitor 0402 COG 0.4P
Johanson Technology
500R07S0R4AV4T
C33
Chip Capacitor 0402 COG 18P
Murata
GRM1555C1H180JZ01D
C34
Chip Capacitor 0402 COG 18P
Murata
GRM1555C1H180JZ01D
C35
Chip Capacitor 0402 COG 47P
Murata
GRM1555C1H470JZ01D
C36
Not Used
C37
Chip Capacitor 0805 X5R 10U
Murata
GRM21BR60J106ME19L
C38
Chip Capacitor 0402 COG 47P
Murata
GRM1555C1H470JZ01D
C39
Chip Capacitor 0402 COG 47P
Murata
GRM1555C1H470JZ01D
C40
Chip Capacitor 0402 X5R 1U
Murata
GRM155R60J105ME19D
C41
Chip Capacitor 0402 X7R 10N
Murata
GRM155R71E103KA01D
C42
Chip Capacitor 0402 X7R 10N
Murata
GRM155R71E103KA01D
C43
Chip Capacitor 0402 COG 100P
Murata
GRM1555C1H101JZ01D
C44
Chip Capacitor 0402 X5R 100N
Murata
GRM155R61A104KA01D
C45
Chip Capacitor 0402 COG 47P
Murata
GRM1555C1H470JZ01D
Note:
Capacitors and inductors cannot be substituted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com