Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15N10L-TN3-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 15N10L-TN3-R
Description  N-Channel 100 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

15N10L-TN3-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  15N10L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 15N10L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 15N10L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 15N10L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 15N10L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 15N10L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 15N10L-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel 100 V (D-S) MOSFET
FEATURES
•
TrenchFET® Power MOSFET
•
175 °C Junction Temperature
•
PWM Optimized
•
100 % Rg Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Primary Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
100
0.
at VGS = 10 V
N-Channel MOSFET
G
D
S
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. See SOA curve for voltage derating.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
b
TC = 25 °C
ID
A
TC = 125 °C
13
Pulsed Drain Current
IDM
40
Continuous Source Current (Diode Conduction)
IS
3
Avalanche Current
IAS
3
Single Pulse Avalanche Energy
L = 0.1 mH
EAS
18
mJ
Maximum Power Dissipation
TC = 25 °C
PD
96b
W
TA = 25 °C
3a
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Junction-to-Ambienta
t
 10 s
RthJA
15
18
°C/W
Steady State
40
50
Junction-to-Case (Drain)
RthJC
0.85
1.1
1
5
1
1
5
TO-252
S
GD
14
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
15N10L-TN3-R
1


Similar Part No. - 15N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N10L-TN3-R UTC-15N10L-TN3-R Datasheet
182Kb / 5P
14.7A, 100V (D-S) N-CHANNEL POWER MOSFET
More results

Similar Description - 15N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com