Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAS1 Datasheet(PDF) 3 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS1
Description  700V SSR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS1 Datasheet(HTML) 3 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS1 Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 7Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV5.0
Mar 2020
3
外形尺寸/Outline dimension :
1、DIP
符号
最小
典型
最大
符号
最小
典型
最大
A1*
6.13
6.33
6.53
E*
0.34
0.42
0.50
A2
6.22
6.42
6.62
F*
2.54
A3
7.32
7.62
7.92
G
0.25
A4*
8.10
8.40
8.70
H
1.39
1.59
1.79
B1*
9.00
9.20
9.40
I*
3.07
3.27
3.47
B2
9.05
9.25
9.45
R
0.20
C
5.57
M1
10°
D
1.52
M2
12°
注1:未注公差请按±0.2;
注2:带“*”尺寸为关键尺寸。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com