Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAS1 Datasheet(PDF) 1 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS1
Description  700V SSR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS1 Datasheet(HTML) 1 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS1 Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd YAS1 Datasheet HTML 7Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV5.0
Mar 2020
1
YAS1/D(0.6)1.2P(Z)22——700V SSR
概述/General Features
● 过零和调相型/ Zero-cross,random trigger
● 负载电流最大为1.2A/Max load current 1.2A
● 高负载耐压700V/High load voltage 700V
● 符合RoHS/RoHS compliant
● UL E481250
应用/Applications
家电产品(空调、冰箱、洗衣机微波炉等的
风扇、加热、进出水开关等控制)
Home appliances (air conditioners, microwave
ovens, washing machines,personal hygiene systems,
refrigerators, fan heaters, inductive heating cooker,
and water heaters, etc.)
工业控制
Industrial equipment market.
订货信息/Ordering Information
Part Number
Package
Marking
YAS1/D1.2P(Z)22
DIP7
YAS1/D1.2P(Z)22
YAS1/D0.6P(Z)22
DIP7
YAS1/D0.6P(Z)22
极限值/Absolute Maximum
(Ta=
25)
特性参数/Parameter
符号
/Symbol
测试条件/Test
condition
最小值
/Min.
典型值
/Typ.
最大值
/Max.
单位
/Unit
输入端
/Input
反向电流/LED reverse
current
I
R
VR=5V
1
µA
正向电流/ LED forward
current
I
F
50
mA
输出端
/Output
断态泄漏电流/Output
off-state leakage current
I
R
VD=700V
1
µA
阻断电压/ Repetitive peak
OFF-state voltage
V
DRM
700
V
额定电流/ ON-state
RMS current
I
IF=10mA
1200
mA
额定电流/ ON-state
RMS current
(D0.6*22)
I
IF=10mA
600
mA
浪涌电流/ Surge current
(D0.6*22)
I
50Hz, 1 cycle
6000
mA
浪涌电流/ Surge current
I
50Hz, 1 cycle
12000
mA


Similar Part No. - YAS1

ManufacturerPart #DatasheetDescription
logo
Xiamen silicon-top opto...
YAS1/D1.2P22Z SILICON-TOP-YAS1/D1.2P22Z Datasheet
848Kb / 6P
700V 2A SSR
YAS1/D1.2P38Z SILICON-TOP-YAS1/D1.2P38Z Datasheet
848Kb / 6P
700V 2A SSR
YAS1/D1.2Z22Z SILICON-TOP-YAS1/D1.2Z22Z Datasheet
848Kb / 6P
700V 2A SSR
YAS1/D1.2Z38Z SILICON-TOP-YAS1/D1.2Z38Z Datasheet
848Kb / 6P
700V 2A SSR
YAS1/D1P22Z SILICON-TOP-YAS1/D1P22Z Datasheet
848Kb / 6P
700V 2A SSR
More results

Similar Description - YAS1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRMS ETC1-FRMS Datasheet
80Kb / 4P
AC Reversible Motor SSR
logo
celduc-relais
SCFL42100 CELDUC-SCFL42100 Datasheet
627Kb / 3P
LOW NOISE SSR
ST645000 CELDUC-ST645000 Datasheet
91Kb / 2P
AC BLINKING SSR
ST600700 CELDUC-ST600700 Datasheet
97Kb / 2P
AC BLINKING SSR
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
5mm Mini SIP SSR
logo
Nihon Inter Electronics...
PHA15-25DW2RP NIEC-PHA15-25DW2RP Datasheet
256Kb / 3P
SSR
logo
Sharp Corporation
S116S01 SHARP-S116S01 Datasheet
241Kb / 13P
Triac output SSR
logo
Xiamen silicon-top opto...
YAS2 SILICON-TOP-YAS2 Datasheet
848Kb / 6P
700V 2A SSR
YSM2 SILICON-TOP-YSM2 Datasheet
394Kb / 4P
SSR
logo
GREEGOO Electric Co.,Lt...
GDF6048D GREEGOO-GDF6048D Datasheet
487Kb / 2P
GDF Compound SSR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com