Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G4BPFI80-SD-R Datasheet(PDF) 3 Page - Silicom Ltd.

Part # M1E2G4BPFI80-SD-R
Description  M1E2G4BPFI35-SD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4BPFI80-SD-R Datasheet(HTML) 3 Page - Silicom Ltd.

  M1E2G4BPFI80-SD-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 5Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 6Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Jumbo Frame (9.5KB)
802.x flow control.
Multicast/ broadcast Packet replication
Statistics for SNMP MIB II, Ethernet like MIB, and Ethernet MIB (802.3z, Clause 30)
Supports Vital Product Data (VPD)
Supports End to End CRC (ECRC)
Supports Latency Tolerance Reporting (LTR)
Minimized device I/O interrupts using MSI and MSI-X
Supports IEEE 1588
LEDs indicators for link/Activity/Bypass/ Disconnect Mode status.
Hot Plug not supported. Can be supported by assembly change
Fiber Gigabit Ethernet 1000Base-SX:
Independently Fiber Gigabit Ethernet channel/s support Gigabit Ethernet 1000Base-SX.
Small Form Factor (SFF) LC Connectors
Technical Specifications
Bypass Specifications
WDT Interval (Software
Programmable):
3,276,800 mSec (3,276.8 Sec): Maximum
100 mSec ( 0.1 Sec) : Minimum
WDT Interval = (2^wdt_interval_parameter)*(0.1) sec.
wdt_interval_parameter: { Valid Range: 0-15}
Fiber Gigabit Ethernet Technical Specifications
– (1000Base-SX) Adapters:
IEEE Standard / Network
topology:
Fiber 10Gigabit Ethernet, 10GBASE-SR (850nM LAN PHY)
Data Transfer Rate:
2000Mbit/s in full duplex mode per port
Cables and Operating
distance:
Multimode fiber:
137m maximum at 62.5 um **
** Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3 standard
Operating Systems Support
Operating system support:
Windows
Linux
FreeBSD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com