Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G4BPFI80-SD-R Datasheet(PDF) 1 Page - Silicom Ltd.

Part # M1E2G4BPFI80-SD-R
Description  M1E2G4BPFI35-SD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4BPFI80-SD-R Datasheet(HTML) 1 Page - Silicom Ltd.

  M1E2G4BPFI80-SD-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 5Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 6Page - Silicom Ltd. M1E2G4BPFI80-SD-R Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
M1E2G4BPFi80
Port Fiber Gigabit Ethernet Express Module Bypass Server Adapter
Product Description
Silicom’s Quad Port fiber Gigabit Ethernet Express Module
Bypass server adapter is a PCI-Express X4 network interface
card that contains four Gigabit Ethernet ports on a PCI-E adapter.
The Silicom’s Quad Port fiber Gigabit Ethernet Express Module
Bypass server adapter is targeted to inline network system that
maintains network connectivity when system fails.
Silicom’s Quad Port Fiber Gigabit Ethernet Express Module Bypass server adapter supports Normal, Bypass and Disconnect
modes. In Normal mode, the ports are independent interfaces. In Bypass mode, all packets received from one port are transmitted
to the adjacent port. In Disconnect mode, the adapter simulates switch / route cable disconnection.
Silicom’s Quad Port Fiber Gigabit Ethernet Express Module Bypass server adapter can Bypass or disconnect its Ethernet ports on
a host system failure, power off, or upon software request.
In Bypass mode, the connections of the Ethernet ports are disconnected from the system and switched over to the other port to
create a crossed connection loop-back between the Ethernet ports. Hence, in
bypass mode all packets received from one port are transmitted to the adjacent
port and vice versa. This feature enables to bypass a failed system and
provides maximum up time for the network.
In Disconnect mode, the adapter simulates switch / router cable disconnection.
In Disconnect mode, the switch / router does not detect link partner of the
adapter.
Silicom’s Quad Port Fiber Gigabit Express Module Bypass server adapter includes an on board WDT (Watch Dog Timer) controller.
The adapter’s software drivers or software application can write commands to the on board WDT controller. The adapter’s software
drivers, WDT controller and the Bypass circuitry provide an interface that control and manage the mode of the adapter.
Silicom’s Quad Port Fiber Gigabit Ethernet Express Module Bypass server adapter is based on Intel 82580 Quad Port Gigabit
Ethernet MAC+PHY of Intel Controller.
Key Features
Bypass / Disconnect:
Bypass / Disconnect Ethernet ports on Power Fail, System Hangs or Software Application Hangs.
Software programmable Bypass, Disconnect or Normal Mode.


Similar Part No. - M1E2G4BPFI80-SD-R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
M1E2G4BPFI35 SILICOM-M1E2G4BPFI35 Datasheet
497Kb / 8P
Quad Port Fiber Gigabit Ethernet Express Module Bypass Server Adapter
M1E2G4BPFI35-LX-SD SILICOM-M1E2G4BPFI35-LX-SD Datasheet
497Kb / 8P
Quad Port Fiber Gigabit Ethernet Express Module Bypass Server Adapter
M1E2G4BPFI35-SD SILICOM-M1E2G4BPFI35-SD Datasheet
497Kb / 8P
Quad Port Fiber Gigabit Ethernet Express Module Bypass Server Adapter
More results

Similar Description - M1E2G4BPFI80-SD-R

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P600 ACTEL-A3P600 Datasheet
217Kb / 1P
SD Controller
logo
FCI connector
10067847-001RLF FCI-CONNECTOR-10067847-001RLF Datasheet
269Kb / 8P
SD CARD CONNECTOR
logo
List of Unclassifed Man...
GHI-ALFATSD-338 ETC2-GHI-ALFATSD-338 Datasheet
95Kb / 1P
ALFAT SD Board
logo
M/A-COM Technology Solu...
212X8-DSH-001-B MA-COM-212X8-DSH-001-B Datasheet
332Kb / 18P
SD and HD/SD-SDI Digital Video Cable Drivers
logo
Adam Technologies, Inc.
MCSP-08-A-SG-HC ADAM-TECH-MCSP-08-A-SG-HC Datasheet
114Kb / 1P
MICRO SD SOCKET
MCSP-E-08-A-SG-10-TR ADAM-TECH-MCSP-E-08-A-SG-10-TR Datasheet
95Kb / 1P
MICRO SD SOCKET
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
SD Card
logo
Apacer Technology Inc.
CH110-SD APACER-CH110-SD Datasheet
1Mb / 5P
ApacerSDCH110-SD
CV110-SD APACER-CV110-SD Datasheet
1Mb / 4P
ApacerSDCV110-SD
SD APACER-SD Datasheet
930Kb / 3P
Apacer industrial SD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com