Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFF2 Datasheet(PDF) 1 Page - ams AG

Part # DFF2
Description  DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

DFF2 Datasheet(HTML) 1 Page - ams AG

  DFF2 Datasheet HTML 1Page - ams AG DFF2 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DFF2 is a fast, static, master-slave D flip-flop with 2x drive strength. SET and RESET
are asynchronous and active low.
Truth Table
D
C
Q
QN
RN
SN
Capacitance
SN RN
D
C
Q
QN
Ci (pF)
L
H
X
X
H
L
D
0.020
H
L
X
X
L
H
C
0.020
HHH
É
H
L
SN
0.034
HH
L
É
L
H
RN
0.041
HH
X
Ê no change
LL
X
X
illegal
Area
Power
2.30 mils
2
7.19 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay C to Q
tpdcqr
0.88
1.84
2.29
1.04
2.00
2.46
tpdcqf
0.80
1.71
2.15
0.96
1.88
2.31
Delay C to QN
tpdcqnr
1.20
2.14
2.65
1.37
2.31
2.82
tpdcqnf
1.18
2.09
2.54
1.35
2.25
2.70
Delay SN to Q
tpdsnq
0.88
1.83
2.32
1.20
2.18
2.65
Delay SN to QN
tpdsnqn
1.18
2.07
2.50
1.50
2.40
2.83
Delay RN to Q
tpdrnq
2.15
3.04
3.49
2.34
3.25
3.67
Delay RN to QN
tpdrnqn
0.95
1.88
2.33
1.27
2.22
2.67
Output Slope C to Q
op_slcqr
0.67
3.51
5.01
0.67
3.53
5.03
op_slcqf
0.60
2.85
4.25
0.61
3.00
4.08
Output Slope C to QN
op_slcqnr
0.71
3.55
5.08
0.71
3.60
5.00
op_slcqnf
0.58
2.93
4.03
0.56
2.93
4.03
Output Slope SN to Q
op_slsnq
0.73
3.70
5.11
0.71
3.63
5.25
Output Slope SN to QN
op_slsnqn
0.60
2.88
4.08
0.58
2.91
4.12
Output Slope RN to Q
op_slrnq
0.66
3.05
4.13
0.65
2.95
4.06
Output Slope RN to QN
op_slrnqn
0.70
3.48
5.12
0.70
3.58
5.11
Sept. 1996
- 132 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
DFF2
DFF2


Similar Part No. - DFF2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DFF2N60 ETC2-DFF2N60 Datasheet
334Kb / 11P
High ruggedness N-Channel MOSFET
More results

Similar Description - DFF2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
D Flip-Flop With Set and Reset
1996 REV 0
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10EP31 ONSEMI-MC10EP31 Datasheet
72Kb / 8P
D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
MC10H186 ONSEMI-MC10H186 Datasheet
100Kb / 4P
Hex D Master-Slave Flip-Flop with Reset
1996 REV 5
logo
National Semiconductor ...
CD4027BM NSC-CD4027BM Datasheet
125Kb / 6P
Dual J-K Master/Slave Flip-Flop with Set and Reset
logo
List of Unclassifed Man...
DF82 ETC-DF82 Datasheet
9Kb / 1P
DF82 is a static, master-slave D flip-flop with 2x drive strength
logo
ON Semiconductor
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
logo
ams AG
DFD2 AMSCO-DFD2 Datasheet
17Kb / 2P
DFD2 is a fast, static, master-slave D flip-flop with 2x drive strength. SET is asynchronous and active low.
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
D FLIP-FLOP WITH SET AND RESET
logo
Fairchild Semiconductor
CD4027BCN FAIRCHILD-CD4027BCN Datasheet
68Kb / 6P
Dual J-K Master/Slave Flip-Flop with Set and Reset
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com