Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFF2 Datasheet(PDF) 2 Page - ams AG

Part # DFF2
Description  DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

DFF2 Datasheet(HTML) 2 Page - ams AG

  DFF2 Datasheet HTML 1Page - ams AG DFF2 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Symbol
[ns]
Characteristics
Symbol
[ns]
Min D Setup Time to C
High
tsudch
0.16
Min D Hold Time to C
High
thdch
0.00
Low
tsudcl
0.16
Low
thdcl
0.00
Min SN Setup Time to C Low
tsusnc
0.00
Min SN Hold Time to C Low
thsnc
0.51
Min RN Setup Time to C Low
tsurnc
0.00
Min RN Hold Time to C Low
thrnc
1.33
Min C Width
High
twch
0.48
Low
twcl
0.88
Min SN Width
Low
twsn
1.07
Min RN Width
Low
twrn
3.91
Sept. 1996
- 133 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
DFF2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com