Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLG07 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PLG07
Description  Low Noise Amplifier for GPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLG07 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PLG07 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.prewell.com
2
Low Noise Amplifier for GPS
SJM PREWELL
PLG07
Products and product information are subject to change without notice. Version 10
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
0
5
10
15
20
25
30
Frequency (GHz)
25°C
-40°C
85°C
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
25°C
-40°C
85°C
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
25°C
-40°C
85°C
1.10
1.15
1.20
1.25
1.30
1.35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
25°C
1.10
1.15
1.20
1.25
1.30
1.35
0
5
10
15
20
25
30
Frequency (GHz)
25°C
-40°C
85°C
P1dB vs. Frequency
NF vs. Frequency
Parameters
Units
Frequency (MHz)
1100
1250
1350
S21
dB
18.9
18.0
17.4
S11
dB
-13
-17
-17
S22
dB
-11
-12
-12
P1dB
dBm
17.9
17.9
18.0
OIP3 @ 3dBm
dBm
32.5
33.8
33.8
NF
dB
0.7
0.6
0.6
Typical RF Performance for 1250MHz Tuned Application Circuit (Vdd=3V)
Output Return Loss
Gain vs. Frequency
Input Return Loss
RF IN
100pF
100nH
100pF
1uF
Vdd
3.9nH
0.75pF
0.5pF
RF OUT
100pF
1nH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com