Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLG07 Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PLG07
Description  Low Noise Amplifier for GPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLG07 Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PLG07 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PLG07 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
http://www.prewell.com
1
Low Noise Amplifier for GPS
SJM PREWELL
PLG07
Products and product information are subject to change without notice. Version 10
Description
The PLG07 is a high performance GaAs p-HEMT LNA (Low Noise
Amplifier). The features of PLG07 are high linear performance, low
noise figure, low power consumption and high reliability. The PLG07
can be easily matched to obtain optimum noise figure and linearity.
The PLG07 operates from a single 3 voltage supply and has an
internal active bias. This PLG07 provides the most suitable solutions
for LNA in communication systems. All devices are 100% RF and
DC tested.
Specifications
1) Test Conditions : T=25°C, Supply Voltage=3V, 50ohm System
2) OIP3 measured with two tones at an output power of 3dBm/tone separated by 1MHz.
3) Noise figure shown in the table above is de-embedded to the device pins
5
1
8
4
2
3
7
6
SJM
Prewell
Features
• 1000 to 2500MHz
• Gain 16.5dB @ 1575MHz
• P1dB 17.66dBm @ 1575MHz
• OIP3 34.57dBm @ 1575MHz
• NF 0.78dB @ 1575MHz
• Lead-free / Green /
compliant DFN 8L Package
Applications
ESD/MSL
1 ESD sensitive device. Observe
handling precautions.
2 HBM: Class 0B, JESD22-A114
3 CDM: Class C3 , JESD22-
C101F
4 MSL 3, J-STD-020
• GPS (BEIDOU, GLONASS,
GALILEO) Receivers
• ISM and WiMAX LNAs
• WLAN
Functional Diagram
RF IN
N/C
GND
2
1,3,4,5,6,8
Exposed Pad
RF OUT / Bias 7
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Voltage
4
V
Device Current
55
mA
RF Power Input
20
dBm
Storage Temperature
-55 to 150
°C
Ambient Operating Temperature
-40 to 85
°C
Junction Temperature
185
°C
1) Stresses above the maximum values listed have may cause permanent damage to the device.
2) MTTF is more than 100 years.
Parameters
Units
Frequency (MHz)
1250
1575
2450
S21
dB
18.0
16.5
12.9
S11
dB
-17
-18
-19
S22
dB
-12
-14
-11
P1dB
dBm
17.9
17.7
17.5
OIP32)
dBm
33.8
34.6
34.6
NF 3)
dB
0.7
0.8
1.1
V / I
V / mA
3 / 46
Rth
°C/W
31


Similar Part No. - PLG07

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
Low Noise Amplifier for GPS
logo
Nichicon corporation
PLG0E182MCO1 NICHICON-PLG0E182MCO1 Datasheet
59Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLG0E182MCO1 NICHICON-PLG0E182MCO1 Datasheet
1Mb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLG0E182MCO1 NICHICON-PLG0E182MCO1 Datasheet
889Kb / 2P
Radial Lead Type, Higher Capacitance
PLG0E222MDO1 NICHICON-PLG0E222MDO1 Datasheet
59Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - PLG07

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8211TK CEL-UPC8211TK_05 Datasheet
291Kb / 4P
SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
NXP Semiconductors
BGU7005 NXP-BGU7005 Datasheet
136Kb / 18P
SiGe:C Low Noise Amplifier MMIC for GPS
Rev. 01-28 October 2009
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
logo
NXP Semiconductors
BGU7005 NXP-BGU7005_10 Datasheet
221Kb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS
Rev. 02-4 March 2010
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
logo
California Eastern Labs
UPC8236T6N-A CEL-UPC8236T6N-A Datasheet
714Kb / 11P
SiGe:C LOW NOISE AMPLIFIER FOR GPS
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
GPS/GNSS Low-Noise Amplifier
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com