Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30N06G-TN3-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 30N06G-TN3-R
Description  N-Channel 60-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

30N06G-TN3-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  30N06G-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 30N06G-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 30N06G-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 30N06G-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 30N06G-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 30N06G-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
•
TrenchFET® Power MOSFET
•
175 °C Junction Temperature
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
a
60
0.025 at VGS = 10 V
35
0.030 at VGS = 4.5 V
30
TO-252
S
GD
Top View
Drain Connected to Tab
N-Channel MOSFET
G
D
S
Notes:
a. Surface Mounted on 1" x 1" FR4 board, t
≤ 10 sec.
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
± 20
V
Continuous Drain Current (TJ = 175 °C)
b
TC = 25 °C
ID
35
A
TC = 100 °C
28
Pulsed Drain Current
IDM
100
Continuous Source Current (Diode Conduction)
IS
23
Avalanche Current
IAS
20
Single Avalanche Energy (Duty Cycle
≤ 1 %)
L = 0.1 mH
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
100
W
TA = 25 °C
3a
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 sec
RthJA
18
22
°C/W
Steady State
40
50
Maximum Junction-to-Case
RthJC
3.2
4
Available
RoHS*
COMPLIANT
N-Channel 6 0-V (D-S) MOSFET
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
30N06G-TN3-R
1


Similar Part No. - 30N06G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06G-TN3-R UTC-30N06G-TN3-R Datasheet
336Kb / 8P
N-CHANNEL POWER MOSFET
30N06G-TN3-R UTC-30N06G-TN3-R Datasheet
337Kb / 8P
N-CHANNEL POWER MOSFET
More results

Similar Description - 30N06G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com