Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30N06G-TN3-R Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # 30N06G-TN3-R
Description  N-Channel 60-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

30N06G-TN3-R Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  30N06G-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 30N06G-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 30N06G-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 30N06G-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 30N06G-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 30N06G-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Notes:
a. For design aid only; not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typa
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 µA
60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
2.0
3.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 125 °C
50
VDS = 60 V, VGS = 0 V, TJ = 175 °C
250
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
50
A
Drain-Source On-State Resistanceb
rDS(on)
VGS = 10 V, ID = 15 A
0.025
0.031
Ω
VGS = 10 V, ID = 15 A, TJ = 125 °C
0.055
VGS = 10 V, ID = 15 A, TJ = 175 °C
0.069
VGS = 4.5 V, ID = 10 A
0.030
0.045
Forward Transconductanceb
gfs
VDS = 15 V, ID = 15 A
20
S
Dynamica
Input Capacitance
Ciss
VGS = 0 V, VDS = 25 V, f = 1 MHz
670
pF
Output Capacitance
Coss
140
Reverse Transfer Capacitance
Crss
60
Total Gate Chargec
Qg
VDS = 30 V, VGS = 10 V, ID = 23 A
11
17
nC
Gate-Source Chargec
Qgs
3
Gate-Drain Chargec
Qgd
3
Turn-On Delay Timec
td(on)
VDD = 30 V, RL = 1.3 Ω
ID ≅ 23 A, VGEN = 10 V, Rg = 2.5 Ω
815
ns
Rise Timec
tr
15
25
Turn-Off Delay Timec
td(off)
30
45
Fall Timec
tf
25
40
Source-Drain Diode Ratings and Characteristics (TC = 25 °C)
Pulsed Current
ISM
50
A
Diode Forward Voltage
VSD
IF = 15 A, VGS = 0 V
1.0
1.5
V
Reverse Recovery Time
trr
IF = 15 A, di/dt = 100 A/µs
30
60
ns
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
30N06G-TN3-R
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com