Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4530 Datasheet(PDF) 32 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 28Page - Analog Devices ADMV4530 Datasheet HTML 29Page - Analog Devices ADMV4530 Datasheet HTML 30Page - Analog Devices ADMV4530 Datasheet HTML 31Page - Analog Devices ADMV4530 Datasheet HTML 32Page - Analog Devices ADMV4530 Datasheet HTML 33Page - Analog Devices ADMV4530 Datasheet HTML 34Page - Analog Devices ADMV4530 Datasheet HTML 35Page - Analog Devices ADMV4530 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 32 of 59
AUTOCALIBRATION LOCK TIME
The PLL lock time divides into a number of settings. The total
lock time for changing frequencies is the sum of three separate
times: synthesizer lock, VCO band selection, and PLL settling.
SYNTHESIZER LOCK TIMEOUT
The synthesizer lock timeout ensures that the VCO calibration
digital-to-analog converter (DAC), which forces the VCO tune
voltage (VVTUNE), has settled to a steady value for the band select
circuitry. The SYNTH_LOCK_TIMEOUT and the TIMEOUT
bits select the length of time the DAC is allowed to settle to the
final voltage before the VCO calibration process continues to
the next phase (VCO band selection). The PFD frequency is the
clock for this logic, and the duration is set by using the
following equation:
(SYNTH_LOCK_TIMEOUT × 1024 + TIMEOUT)/fPFD
where:
SYNTH_LOCK_TIMEOUT is programmed in Bits[4:0],
Register 0x033.
TIMEOUT is programmed in Bits[7:0], Register 0x031 and
Bits[1:0], Register 0x032.
The calculated time must be greater than or equal to 20 µs.
For the SYNTH_LOCK_TIMEOUT bits, the minimum value is 2,
and the maximum value is 31.
For TIMEOUT, the minimum value is 2, and the maximum
value is 1023.
VCO BAND SELECTION TIME
Use the VCO_BAND_DIV bits (Bits[7:0], Register 0x030) and
the fPFD to generate the VCO band selection clock (fBSC) as follows:
fBSC = (fPFD/VCO_BAND_DIV)
The calculated frequency must be less than 4 MHz.
Note that 16 clock cycles are required for one VCO core and
band calibration step and the total band selection process takes
11 steps, resulting in the following equation:
11 × (16 × VCO_BAND_DIV/fPFD)
The minimum value for VCO_BAND_DIV is 1, and the
maximum value is 255.
PLL SETTLING TIME
The time taken for the loop to settle is inversely proportional to
the low-pass filter bandwidth.
CHIP TEMPERATURE READ BACK
Chip temperature readback can provide information regarding
system temperature, which is useful for system compensation.
The ADMV4530 includes an analog-to-digital converter (ADC)
that enables reading the chip temperature. The ADC clock
(ADC_CLK) is generated from the phase frequency detector
clock (fPFD) with the following equations:
(
)
(
)
=
× 4 + 2
PFD
f
ADC_CLK
ADC_CLK_DIV
where ADC_CLK_DIV is stored in Register 0x035.
A valid reference signal is required to complete a conversion.
Target 100 kHz for ADC_CLK and calculate ADC_CLK_DIV
with the following equation:
– 2
100,000
=
4
PFD
f
ADC_CLK_DIV ceiling













If ADC_CLK_DIV is greater than 255, set these bits to 255.
The bits used for temperature readback are the following:
•
Register 0x032, Bit 2, ADC_ENABLE
•
Register 0x032, Bit 3, ADC_CONVERSION
•
Register 0x033, Bits[7:5], VCO_FSM_READBACK
•
Register 0x06E, Bits[7:0], VCO_DATA_READBACK[7:0]
•
Register 0x073, Bit 2, ADC_CLK_DISABLE
To read back the temperature, take the following steps:
1. Set ADC_ENABLE = 1 to enable the ADC.
2. Set ADC_CONVERSION = 1 to perform an ADC
conversion.
3. Wait 16 ADC_CLK cycles.
4. Set VCO_FSM_READBACK = 101 (skip this step if it is
already set).
5. Read the VCO_DATA_READBACK bits in Register
0x06E to read back the raw ADC output that corresponds
to the chip temperature (RAW_TEMP).
6. Set ADC_CONVERSION = 0 to disable the conversion.
7. Set ADC_ENABLE = 0 to disable the ADC, which prevents
any spurs generated by the ADC clock. Similarly, the
ADC_CLK_DISABLE bit can disable the ADC clock.
Perform Step 1 and Step 2 separately. However, Step 6 and
Step 7 can be completed together.
To calculate the approximate chip temperature in Celsius (°C),
use the following equation:
Chip Temperature = −100°C + RAW_TEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com