Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4530 Datasheet(PDF) 49 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 45Page - Analog Devices ADMV4530 Datasheet HTML 46Page - Analog Devices ADMV4530 Datasheet HTML 47Page - Analog Devices ADMV4530 Datasheet HTML 48Page - Analog Devices ADMV4530 Datasheet HTML 49Page - Analog Devices ADMV4530 Datasheet HTML 50Page - Analog Devices ADMV4530 Datasheet HTML 51Page - Analog Devices ADMV4530 Datasheet HTML 52Page - Analog Devices ADMV4530 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 49 of 59
Address: 0x031, Reset: 0x00, Name: REG0031
Tim eout
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] TIMEOUT[7:0] (R/W)
Table 40. Bit Descriptions for REG0031
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
TIMEOUT[7:0]
Timeout. See the Autocalibration Lock Time section for
details.
0x0
User defined
R/W
Address: 0x032, Reset: 0x00, Name: REG0032
ADC Mux Select
Tim eout
ADC Enable
ADC Fas t Convers ion
ADC Convers ion
ADC Continuous Convers ion
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] ADC_MUX_SEL (R/W)
[1:0] TIMEOUT[9:8] (R/W)
[6] RESERVED
[2] ADC_ENABLE (R/W)
[5] ADC_FAST_CONV (R/W)
[3] ADC_CONVERSION (R/W)
[4] ADC_CTS_CONV (R/W)
Table 41. Bit Descriptions for REG0032
Bits
Bit Name
Description
Reset
Recommended
Access
7
ADC_MUX_SEL
ADC Mux Select.
0x0
0x0
R/W
0: ADC input connected to proportional to absolute temperature
(PTAT) voltage.
1: ADC input connected to scaled VTUNE voltage.
6
RESERVED
Reserved.
0x0
0x0
R/W
5
ADC_FAST_CONV
ADC Fast Conversion.
0x0
0x0
R/W
0: disable.
1: enable.
4
ADC_CTS_CONV
ADC Continuous Conversion.
0x0
0x0
R/W
0: disable.
1: enable.
3
ADC_CONVERSION
ADC Conversion.
0x0
0x0
R/W
0: no ADC conversion.
1: perform ADC conversion.
2
ADC_ENABLE
ADC Enable
0x0
0x0
R/W
0: disable.
1: enable.
[1:0]
TIMEOUT[9:8]
Timeout. See the Autocalibration Lock Time section for details.
0x0
User defined
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com