Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT280BT Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT280BT
Description  Fast CMOS 9-Bit Parity Generator/Checker
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT280BT Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT280BT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT280BT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT280BT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT280BT Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PI74FCT280T
9-BIT PARITY GENERATOR/CHECKER
1
PS2014A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Fast CMOS
9-Bit Parity Generator/Checker
PI74FCT280T
Product Description:
Pericom Semiconductor’s PI74FCT series of logic circuits are
produced in the Company’s advanced 0.8 micron CMOS technology,
achieving industry leading speed grades.
The PI74FCT280T is a high-speed CMOS TTL-compatible 9-bit
parity generator-checkers. Both odd and even parity outputs are
available for generating or checking odd or even parity.
Logic Block Diagram
Product Features:
• PI74FCT280T is pin compatible with bipolar FAST™ Series at
a higher speed and lower power consumption
• TTL input and output levels
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
– 14-pin 150 mil wide SOIC (W)
– 16-pin 150 mil wide QSOP (Q)
Σe
Σo
I0
I1
I2
I3
I4
I5
I6
I7
I8


Similar Part No. - PI74FCT280BT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT2821T PERICOM-PI74FCT2821T Datasheet
85Kb / 7P
Fast CMOS Bus Interface Registers
PI74FCT2823T PERICOM-PI74FCT2823T Datasheet
85Kb / 7P
Fast CMOS Bus Interface Registers
PI74FCT2827T PERICOM-PI74FCT2827T Datasheet
105Kb / 5P
Fast CMOS 10-Bit Buffers
PI74FCT2828T PERICOM-PI74FCT2828T Datasheet
105Kb / 5P
Fast CMOS 10-Bit Buffers
More results

Similar Description - PI74FCT280BT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
Hitachi Semiconductor
HD74AC280 HITACHI-HD74AC280 Datasheet
52Kb / 9P
9-bit Parity Generator/Checker
logo
Intersil Corporation
CD40101BMS INTERSIL-CD40101BMS Datasheet
105Kb / 8P
CMOS 9-Bit Parity Generator/Checker
December 1992
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
9-BIT PARITY GENERATOR/CHECKER
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com