Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT280CT Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74FCT280CT
Description  Fast CMOS 9-Bit Parity Generator/Checker
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT280CT Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74FCT280CT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT280CT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT280CT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT280CT Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PI74FCT280T
9-BIT PARITY GENERATOR/CHECKER
2
PS2014A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT280T 14-Pin SOIC Configuration
Inputs
Outputs
Function
I8-I0
ΣΣΣΣΣe
ΣΣΣΣΣo
Even Parity
No. of Bits at TTL High
H
L
= 0, 2, 4, 6, 8
Odd Parity
No. of Bits at TTL High
L
H
= 1, 3, 5, 7, 9
Truth Table
(1)
Note:
1.
H = High Voltage Level
L = Low Voltage Level
Pin Name
Description
I8–I0
Data In
Σe
Even Parity Out
Σo
Odd Parity Out
GND
Ground
VCC
Power
Product Pin Description
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ................................................................. –65°C to +150°C
Ambient Temperature with Power Applied ................................. -40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .......... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ........... –0.5V +7.0V
DC Input Voltage ......................................................................... –0.5V to +7.0V
DC Output Current ................................................................................... 120 mA
Power Dissipation ......................................................................................... 0.5W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters
(1)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
Notes:
1. This parameter is determined by device characterization but is not production tested.
PI74FCT280T 16-Pin QSOP Configuration
VCC
1
I6
14
I5
2
I7
13
I4
3
NC
12
I3
4
I8
11
I2
5
Σe
10
I1
6
Σo
9
I0
7
GND
8
14-PIN
W14
VCC
1
I6
16
I5
2
I7
15
I4
3
NC
14
I3
4
I8
13
I2
5
Σe
12
I1
6
Σo
11
I0
7
NC
10
NC
8
GND
9
16-PIN
Q16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com