Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT280CT Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74FCT280CT
Description  Fast CMOS 9-Bit Parity Generator/Checker
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT280CT Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74FCT280CT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT280CT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT280CT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT280CT Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PI74FCT280T
9-BIT PARITY GENERATOR/CHECKER
3
PS2014A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ± 5%)
Parameters Description
Test Conditions
(1)
Min
Typ
(2)
Max
Units
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –15.0 mA
2.4
3.0
V
VOL
Output LOW Current
VCC = Min., VIN = VIH or VIL
IOL = 48 mA
0.3
0.50
V
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
VCC = Max.
VIN = VCC
1µA
IIL
Input LOW Current
VCC = Max.
VIN = GND
–1
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.
(3), VOUT = GND
–60
–120
mA
IOFF
Power Down Disable
VCC = GND, VOUT = 4.5V
—
—
100
µA
VH
Input Hysteresis
200
mV
280T
280AT
280BT
280CT
Com.
Com.
Com.
Com.
Parameters Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPHLE
Propagation Delay CL = 50 pF
3.0
10.0
3.0
7.5
3.0
6.3
3.0
5.3
ns
tPLHE
I0 – I8 to
∑even
RL = 500
Ω
tPHLO
Propagation Delay
3.0
10.0
3.0
7.5
3.0
6.3
3.0
5.3
ns
tPLHO
I0 – I8 to
∑odd
Notes:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for applicable device type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Switching Characteristics over Operating Range



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com