Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W3150A Datasheet(PDF) 4 Page - WIZnet Co., Ltd

Part # W3150A
Description  Support Hardwired TCP/IP Protocols
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W3150A Datasheet(HTML) 4 Page - WIZnet Co., Ltd

  W3150A Datasheet HTML 1Page - WIZnet Co., Ltd W3150A Datasheet HTML 2Page - WIZnet Co., Ltd W3150A Datasheet HTML 3Page - WIZnet Co., Ltd W3150A Datasheet HTML 4Page - WIZnet Co., Ltd W3150A Datasheet HTML 5Page - WIZnet Co., Ltd W3150A Datasheet HTML 6Page - WIZnet Co., Ltd W3150A Datasheet HTML 7Page - WIZnet Co., Ltd W3150A Datasheet HTML 8Page - WIZnet Co., Ltd W3150A Datasheet HTML 9Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
- 3 -
© Copyright 2006 WIZnet Co., Ltd. All rights reserved.
W3150A+ Datasheet
Description
The W3150A+ is an LSI of hardware protocol stack that provides an easy, low-cost solution for high-speed
Internet connectivity for digital devices by allowing simple installation of TCP/IP stack in the hardware.
The W3150A+ offers a quick and easy way to add Ethernet networking functionality to any products.
Implementing this LSI into a system can completely provide Internet connectivity and process standard
protocols by significantly reducing the software development cost as well development time which is most
important in today time-to market.
The W3150A+ contains TCP/IP Protocol Stacks such as TCP, UDP, ICMP, IPv4, ARP and PPPoE protocols, as
well as Ethernet protocols such as MAC protocol. The total internal memory size is 16Kbytes, which is used
as the buffer for data transmission and receipt.
The W3150A+ provides three different interfaces like direct, indirect bus interfaces and SPI(Serial
Peripheral Interface) to connect with MCUs and standard MII(Media Independent Interface) composed of
nibble data bus to connect with Ethernet PHY devices.
The W3150A+ is a best-fitted device for embedded application including IP-Settop Box, Internet-DVR,
Internet phones, VoIP SOC chips, Internet MP3 players, handheld medical devices, various industrial system
for monitoring and metering, and any other non-portable electronic devices such as large consumer
electronic products.
Features
◼
Support Hardwired TCP/IP Protocols : TCP, UDP, ICMP, IGMP, IPv4, ARP, PPPoE, Ethernet
◼
Support ADSL connection (with support PPPoE Protocol with PAP/CHAP Authentication mode)
◼
Supports 4 independent sockets simultaneously
◼
Not support IP Fragmentation
◼
Standard MII Interface for Ethernet-PHY chip
◼
Supports 10BaseT/100BaseTX
◼
Supports full-duplex mode
◼
Internal 16Kbytes Memory for Tx/Rx Buffers
◼
0.18 µm CMOS technology
◼
3.3V operation with 5V I/O signal tolerance
◼
Small 64 Pin LQFP Package
◼
Lead-Free Package
◼
Support Serial Peripheral Interface(SPI MODE 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com