Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W3150A Datasheet(PDF) 21 Page - WIZnet Co., Ltd

Part # W3150A
Description  Support Hardwired TCP/IP Protocols
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W3150A Datasheet(HTML) 21 Page - WIZnet Co., Ltd

Back Button W3150A Datasheet HTML 17Page - WIZnet Co., Ltd W3150A Datasheet HTML 18Page - WIZnet Co., Ltd W3150A Datasheet HTML 19Page - WIZnet Co., Ltd W3150A Datasheet HTML 20Page - WIZnet Co., Ltd W3150A Datasheet HTML 21Page - WIZnet Co., Ltd W3150A Datasheet HTML 22Page - WIZnet Co., Ltd W3150A Datasheet HTML 23Page - WIZnet Co., Ltd W3150A Datasheet HTML 24Page - WIZnet Co., Ltd W3150A Datasheet HTML 25Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
- 20 -
© Copyright 2006 WIZnet Co., Ltd. All rights reserved.
1 : Enable Indirect bus I/F mode
If this bit is set as ‘1’, Indirect BUS I/F mode is set. For more detail, refer to 6.
Application Information, 6.1.2. Indirect Bus IF Mode.
GWR (Gateway IP Address Register) [R/W] [0x0001 – 0x0004] [0x00]
This Register sets up the default gateway address.
Ex) in case of “192.168.0.1”
0x0001
0x0002
0x0003
0x0004
192 (0xC0)
168 (0xA8)
0 (0x00)
1 (0x01)
SUBR (Subnet Mask Register) [R/W] [0x0005 – 0x0008] [0x00]
This register sets up the subnet mask address.
Ex) in case of “255.255.255.0”
0x0005
0x0006
0x0007
0x0008
255 (0xFF)
255 (0xFF)
255 (0xFF)
0 (0x00)
SHAR (Source Hardware Address Register) [R/W] [0x0009 – 0x000E] [0x00]
This register sets up the Source Hardware address.
Ex) In case of “00.08.DC.01.02.03”
0x0009
0x000A
0x000B
0x000C
0x000D
0x000E
0x00
0x08
0xDC
0x01
0x02
0x03
SIPR (Source IP Address Register) [R/W] [0x000F – 0x0012] [0x00]
This register sets up the Source IP address.
Ex) in case of “192.168.0.3”
0x000F
0x0010
0x0011
0x0012
192 (0xC0)
168 (0xA8)
0 (0x00)
3 (0x03)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com