Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5100S Datasheet(PDF) 97 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 97 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 93Page - WIZnet Co., Ltd W5100S Datasheet HTML 94Page - WIZnet Co., Ltd W5100S Datasheet HTML 95Page - WIZnet Co., Ltd W5100S Datasheet HTML 96Page - WIZnet Co., Ltd W5100S Datasheet HTML 97Page - WIZnet Co., Ltd W5100S Datasheet HTML 98Page - WIZnet Co., Ltd W5100S Datasheet HTML 99Page - WIZnet Co., Ltd W5100S Datasheet HTML 100Page - WIZnet Co., Ltd W5100S Datasheet HTML 101Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
W5100S Datasheet Version1.2.5
97 / 110
Table 9 Crystal Recommendation Characteristics
Parameter
Range
Frequency
25 MHz
Frequency Tolerance (at 25℃)
±30 ppm
Shunt Capacitance
7pF Max
Drive Level
500uW
Load Capacitance
12pF
Aging (at 25℃)
±3ppm / year Max
6.2
Oscillator requirements.
Table 10 Oscillator Characteristics
Parameter
Condition / Description
Min
Typ
Max
Unit
Frequency
25
MHz
Frequency Tolerance
At 25
C
-50
+50
ppm
Frequency Stability
1 Year aging. 25
C
-50
+50
ppm
Clock duty
50% of waveform
45
50
55
%
Input high voltage
-
0.97
-
V
Input low voltage
-
0.13
-
V
Rise/Fall Time
10% to 90% of waveform
8ns
Start up Time
-
-
10ms
Operating volatage
1.08V
1.2V
1.32V
Aging (at 25℃)
±3 / year Max
ppm
6.3
Transformer Characteristics
Table 11 Transformer Characteristics
Parameter
Transmit End
Receive End
Turn Ratio
1:1
1:1
Inductance
350 uH
350 uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com