Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5100S Datasheet(PDF) 13 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 13 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 9Page - WIZnet Co., Ltd W5100S Datasheet HTML 10Page - WIZnet Co., Ltd W5100S Datasheet HTML 11Page - WIZnet Co., Ltd W5100S Datasheet HTML 12Page - WIZnet Co., Ltd W5100S Datasheet HTML 13Page - WIZnet Co., Ltd W5100S Datasheet HTML 14Page - WIZnet Co., Ltd W5100S Datasheet HTML 15Page - WIZnet Co., Ltd W5100S Datasheet HTML 16Page - WIZnet Co., Ltd W5100S Datasheet HTML 17Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
W5100S Datasheet Version1.2.5
13 / 110
15
3V3A
AP
Analog 3.3V Power
16
GNDA
AP
Analog Ground
17
LNKn
OU
Link Status LED
It is valid on SPI and Parallel Bus Mode.
Low : Link up
High : Link down
18
SPDn
OU
Link Speed LED
It is valid on SPI and Parallel Bus Mode.
Low : 100Mbps
High : 10Mbps
19
DPXn
OU
Link Duplex LED
It is valid on SPI and Parallel Bus Mode.
Low : Full-Duplex
High : Half-Duplex
20
ACTn
OU
Link Activity LED
It is valid on SPI and Parallel Bus Mode.
No Flash : Link up state without TX/RX
Flash : Link up state with TX/RX data
High : Link-down state
21
COLn
OU
Link Collision Detect LED
It is valid on SPI and Parallel Bus Mode.
It indicates a collision during Data transmission.
Low : Collision Detected
High : No Collision
22
1V2D
P
Digital 1.2V Power
Supplied from 1V20 voltage source.
23
GND
P
Digital Ground
24
3V3D
P
Digital 3.3V power
25
MOD[0]
ID
W5100S Interface Mode Selection
Interface Mode is selected by MOD [3:0].
“0000” : SPI Mode
“010X” : Parallel Bus Mode
26
MOD[1]
ID
27
MOD[2]
ID
28
MOD[3]
ID
29
CSn
IU
W5100S Chip Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com