Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIZ610IO Datasheet(PDF) 8 Page - WIZnet Co., Ltd

Part # WIZ610IO
Description  internet offload network module that includes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZ610IO Datasheet(HTML) 8 Page - WIZnet Co., Ltd

Back Button WIZ610IO Datasheet HTML 4Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 5Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 6Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 7Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 8Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 9Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 10Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 11Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 12Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
WIZ610io User Manual (WIZnet Co.,Ltd.)
8
In the VDM, CSn(High-to-Low) by HOST informs the start of SPI frame and CSn(Low to High) by
HOST informs the end of SPI frame to W6100.
In the control phase, RW is "0" to indicate read access and OP[1:0] is "00" to indicate VDM.
The data bits received through MISO are synchronized to SCLK (Falling-Edge).
If more than one byte of data is transmitted continuously, it supports sequential data write.
< Read Sequence >
uint8_t tAD[3]; //send buffer
// Address
tAD[0] = (uint8_t)((AddrSel & 0x00FF0000) >> 16);
tAD[1] = (uint8_t)((AddrSel & 0x0000FF00) >> 8);
tAD[2] = (uint8_t)(AddrSel & 0x000000ff);
wizchip_cs_select(); //CS=0, SPI start
tAD[2] |= (_W6100_SPI_READ_ | _W6100_SPI_OP_); // Control Byte
wizchip_spi_write_buf(tAD,3); //write address
for(idx = 0; idx < len; idx++)
// Write data in loop
{
buf[idx] = IINCHIP_SpiSendData(0x00);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com