Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIZ610IO Datasheet(PDF) 3 Page - WIZnet Co., Ltd

Part # WIZ610IO
Description  internet offload network module that includes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZ610IO Datasheet(HTML) 3 Page - WIZnet Co., Ltd

  WIZ610IO Datasheet HTML 1Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 2Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 3Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 4Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 5Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 6Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 7Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 8Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 9Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
WIZ610io User Manual (WIZnet Co.,Ltd.)
3
1. Introduction
WIZ610io is the internet offload network module that includes W6100 (TCP/IP
hardwired chip, include PHY), MAG-JACK (RJ45 with X’FMR) with other glue logics.
It can be used as a component and no effort is required to interface W6100 and
Transformer.
The WIZ610io is an ideal option for users who want to develop their Internet
enabling systems rapidly.
For the detailed information on implementation of Hardware TCP/IP, refer
to the W6100 Datasheet.
WIZ610io consists of W6100 and MAG-JACK.
⚫
Hardware TCP/IP, Ethernet MAC : Included in W6100
⚫
Ethernet PHY : Included in W6100
⚫
Connector : MAG-JACK(RJ45 with Transformer)
1.1 Feature
⚫
Support Hardwired TCP/IP Protocols : TCP, UDP, IPv6, IPv4, ICMPv6,
ICMPv4, IGMP, MLDv1, ARP, PPPoE
⚫
Support IPv4/IPv6 Dual Stack
⚫
Support 8 independent SOCKETs simultaneously with 32KB Memory
⚫
Support SOCKET-less Command:
ARP, PING, ICMPv6(PING, ARP,DAD,NA,RS) Command for IPv6 Auto-
configuration& Network Monitoring
⚫
Support Ethernet Power Down Mode & Main Clock Switching for power save
⚫
Support Wake on LAN over UDP
⚫
Support Serial Interface: High Speed SPI(MODE 0/3)
⚫
Internal 16Kbytes Memory for TX/ RX Buffers
⚫
10BaseT/100BaseTX Ethernet PHY Integrated
⚫
Support Auto Negotiation (Full and half duplex, 10 and 100-based )
⚫
Support Auto-MDIX only on Auto-Negotiation Mode
⚫
3V operation with 5V I/O signal tolerance
⚫
Network Indicator LEDs (Full/Half Duplex, Link, 10/100 Speed, Active)
⚫
Interfaces with two 2.54mm pitch 1 x 10 header pin
⚫
Temperature : -40 ~ 85℃(Operating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com