Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP0701 Datasheet(PDF) 5 Page - Microchip Technology

Part # LP0701
Description  P-Channel Enhancement-Mode Lateral MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP0701 Datasheet(HTML) 5 Page - Microchip Technology

  LP0701 Datasheet HTML 1Page - Microchip Technology LP0701 Datasheet HTML 2Page - Microchip Technology LP0701 Datasheet HTML 3Page - Microchip Technology LP0701 Datasheet HTML 4Page - Microchip Technology LP0701 Datasheet HTML 5Page - Microchip Technology LP0701 Datasheet HTML 6Page - Microchip Technology LP0701 Datasheet HTML 7Page - Microchip Technology LP0701 Datasheet HTML 8Page - Microchip Technology LP0701 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2018 Microchip Technology Inc.
DS20005447A-page 5
LP0701
FIGURE 2-7:
BVDSS Variation with
Temperature
-50
0
50
100
150
1.1
0.9
1.0
T
J (
OC)
.
0
-1-2-3-4-5
-2
-1
0
V
DS = -15V
T
A = 125
OC
V
GS (volts)
T
A = 25
OC
T
A = -55
OC
FIGURE 2-8:
Transfer Characteristics.
200
0
-5
-10
-15
100
f = 1.0MHz
0
V
DS (volts)
C
ISS
C
OSS
C
RSS
FIGURE 2-9:
Capacitance vs.
Drain-to-Source Voltage.
FIGURE 2-10:
10
8
6
4
2
0
0
-3
-1
-2
V
GS = -2.0V
I
D (amperes)
V
GS = -3.0V
V
GS = -5.0V
On-Resistance vs. Drain
Current.
1.4
1.2
1.0
0.8
0.6
0.4
1.6
1.4
1.2
1.0
0.8
0.6
-50
0
50
100
150
RDS(ON) @ -5V, -300mA
T
J (
OC)
V
(th) @ -1.0mA
FIGURE 2-11:
V(th) and RDS Variation with
Temperature.
Q
G (nanocoulombs)
-10
-8
-6
-4
-2
0
012345
238pF
-20V
C
ISS = 115pF
V
DS = -10V
FIGURE 2-12:
Gate Drive Dynamic
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com