Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP0701 Datasheet(PDF) 1 Page - Microchip Technology

Part # LP0701
Description  P-Channel Enhancement-Mode Lateral MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP0701 Datasheet(HTML) 1 Page - Microchip Technology

  LP0701 Datasheet HTML 1Page - Microchip Technology LP0701 Datasheet HTML 2Page - Microchip Technology LP0701 Datasheet HTML 3Page - Microchip Technology LP0701 Datasheet HTML 4Page - Microchip Technology LP0701 Datasheet HTML 5Page - Microchip Technology LP0701 Datasheet HTML 6Page - Microchip Technology LP0701 Datasheet HTML 7Page - Microchip Technology LP0701 Datasheet HTML 8Page - Microchip Technology LP0701 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2018 Microchip Technology Inc.
DS20005447A-page 1
LP0701
Features
• Ultra-Low Threshold
• High Input Impedance
• Low Input Capacitance
• Fast Switching Speeds
• Low On-Resistance
• Freedom from Secondary Breakdown
• Low Input and Output Leakage
Applications
• Logic-Level Interfaces
• Solid-State Relays
• Battery-Operated Systems
• Photovoltaic Drives
• Analog Switches
• General Purpose Line Drivers
General Description
The
LP0701
Enhancement-mode
(normally-off)
transistor uses a lateral MOS structure and a
well-proven silicon-gate manufacturing process. This
combination produces a device with the power
handling capabilities of bipolar transistors and the high
input impedance and positive temperature coefficient
inherent in MOS devices. Characteristic of all MOS
structures, this device is free from thermal runaway and
thermally induced secondary breakdown.
The low threshold voltage and low on-resistance
characteristics are ideally suited for handheld and
battery-operated applications.
Package Type
See Table 3-1 and Table 3-2 for pin information.
3-lead TO-92
(Top view)
GATE
SOURCE
DRAIN
8-lead SOIC
(Top view)
D
D
D
D
G
S
NC
NC
s
P-Channel Enhancement-Mode Lateral MOSFET


Similar Part No. - LP0701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701 SUTEX-LP0701 Datasheet
32Kb / 4P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
769Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - LP0701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701 SUTEX-LP0701 Datasheet
32Kb / 4P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701LG-G SUTEX-LP0701LG-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP1030D SUTEX-LP1030D Datasheet
467Kb / 3P
300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701_13 Datasheet
769Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
logo
NXP Semiconductors
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T14H450-23N NXP-A2T14H450-23N Datasheet
602Kb / 17P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 01/2017
A2T18H410-24S NXP-A2T18H410-24S Datasheet
589Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2015
A2T18S260W12N NXP-A2T18S260W12N Datasheet
321Kb / 14P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 2/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com