Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2215 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2215
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2215 Datasheet HTML 7Page - Microchip Technology MIC2215 Datasheet HTML 8Page - Microchip Technology MIC2215 Datasheet HTML 9Page - Microchip Technology MIC2215 Datasheet HTML 10Page - Microchip Technology MIC2215 Datasheet HTML 11Page - Microchip Technology MIC2215 Datasheet HTML 12Page - Microchip Technology MIC2215 Datasheet HTML 13Page - Microchip Technology MIC2215 Datasheet HTML 14Page - Microchip Technology MIC2215 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006274A-page 11
MIC2215
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
VOUT1
Output voltage of regulator 1 (250 mA). Connect externally to pin 16.
2
VIN1
Supply input of regulator 1 (highest input voltage required for common circuitry).
3
VIN2
Supply input of regulator 2.
4
VOUT2
Output voltage of regulator 2 (250 mA). For fixed output device, connect pins 4 and 5
externally.
5
VOUT2
(Fixed)
Output voltage of regulator 2 (250 mA). For fixed output device, connect pins 4 and 5
externally.
ADJ2
(Adj.)
Adjust Input. Feedback input for regulator 2.
6
EN1
Enable input to regulator 1. Enables regulator 1 output. Active-high input.
High = on, low = off.
7
EN2
Enable input to regulator 2. Enables regulator 2 output. Active-high input.
High = on, low = off.
8
EN3
Enable input to regulator 3. Enables regulator 3 output. Active-high input.
High = on, low = off.
9
CBYP
Reference Bypass: Connect external 0.01 μF to GND to reduce output noise. May be
left open.
10
GND
Ground.
11
GND
Ground.
12
VIN3
Supply input of regulator 3.
13
VOUT3
Output voltage of regulator 3 (250 mA). For fixed output device, connect pins 13 and
14 externally.
14
VOUT3
(Fixed)
Output voltage of regulator 3 (250 mA). For fixed output device, connect pins 13 and
14 externally.
ADJ3
(Adj.)
Adjust Input. Feedback input for regulator 3.
15
NC
(Fixed)
No Connect. Not internally connected.
ADJ1
(Adj.)
Adjust Input. Feedback input for regulator 1.
16
VOUT1
Output voltage of regulator 1 (250 mA). Connect externally to pin 1.
EP
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com