Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2215 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2215
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2215 Datasheet HTML 8Page - Microchip Technology MIC2215 Datasheet HTML 9Page - Microchip Technology MIC2215 Datasheet HTML 10Page - Microchip Technology MIC2215 Datasheet HTML 11Page - Microchip Technology MIC2215 Datasheet HTML 12Page - Microchip Technology MIC2215 Datasheet HTML 13Page - Microchip Technology MIC2215 Datasheet HTML 14Page - Microchip Technology MIC2215 Datasheet HTML 15Page - Microchip Technology MIC2215 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MIC2215
DS20006274A-page 12
 2019 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
The MIC2215 is a triple, low-noise CMOS LDO.
Designed specifically for noise-critical applications in
handheld or battery-powered devices, the MIC2215
comes equipped with a noise reduction feature to filter
the output noise via an external capacitor. Other
features of the MIC2215 include a separate logic
compatible enable pin for each channel, current limit,
thermal shutdown, and ultra-fast transient response, all
within a small QFN package.
The MIC2215 is specifically designed to work with
low-ESR ceramic capacitors, reducing the amount of
board space necessary for power applications, which is
critical in handheld wireless devices.
5.0
APPLICATION INFORMATION
5.1
Enable/Shutdown
The MIC2215 comes with three active-high enable pins
that allow each individual regulator to be either
disabled or enabled. Forcing the enable pin low
disables the respective regulator and sends it into a
zero off-mode current state. In this state, current
consumed by the individual regulator goes nearly to
zero. This is true for both regulators 2 and 3. Regulator
1’s input supply pin is also used to power the internal
reference. When any regulator, either 1, 2, or 3, is
enabled, an additional 20 μA for the reference will be
drawn through VIN1. All three must be disabled to enter
the zero current off-mode state. Forcing the enable pin
high enables each respective output voltage. This part
is CMOS and none of the enable pins can be left
floating; a floating enable pin may cause an
indeterminate state on the output.
5.2
Input Capacitor
The MIC2215 is a high performance, high bandwidth
device. Therefore, it requires a well-bypassed input
supply for optimal performance. A small 0.1 μF
capacitor placed close to the input is recommended to
aid in noise performance. Low-ESR ceramic capacitors
provide optimal performance at a minimum of space.
Additional high-frequency capacitors, such as small
valued NPO dielectric type capacitors, help to filter out
high frequency noise and are good practice in any
RF-based circuit.
5.3
Output Capacitor
The MIC2215 requires an output capacitor for stability.
The design requires 1 μF or greater on the output to
maintain stability. The design is optimized for use with
low-ESR
ceramic
chip
capacitors.
X7R/X5R
dielectric-type ceramic capacitors are recommended
because of their temperature performance. X7R-type
capacitors change capacitance by 15% over their
operating temperature range and are the most stable
type of ceramic capacitors. Z5U and Y5V dielectric
capacitors change value by as much as 50% and 60%,
respectively, over their operating temperature ranges.
To use a ceramic chip capacitor with Y5V dielectric, the
value must be much higher than an X7R ceramic
capacitor to ensure the same minimum capacitance
over the equivalent operating temperature range.
5.4
Bypass Pin
A capacitor can be placed from the noise bypass pin to
ground to reduce output voltage noise. The capacitor
bypasses the internal reference. There is one single
internal reference shared by each output, therefore the
bypassing affects each regulator. A 0.1 μF capacitor is
recommended for applications that require low-noise
outputs. The bypass capacitor can be increased,
further reducing noise and improving PSRR. Turn-on
time increases slightly with respect to bypass
capacitance.
5.5
Internal Reference
The internal band gap, or reference, is powered from
the VIN1 input. Due to some of the input noise (PSRR)
contributions being imposed on the band gap, it is
important to make VIN1 as clean as possible with good
bypassing close to the input.
5.6
Multiple Input Supplies
The MIC2215 can be used with multiple input supplies
when desired. The only requirement, aside from
maintaining the voltages within the operating ranges, is
that VIN1 always remains the highest voltage potential.
5.7
No-Load Stability
The MIC2215 will remain stable and in regulation with
no load, unlike many other voltage regulators. This is
especially important in CMOS RAM keep-alive
applications.
5.8
Thermal Considerations
The MIC2215 is designed to provide up to 250 mA of
current per channel in a very small package. Maximum
power dissipation can be calculated based on the
output current and the voltage drop across the part. To
determine the maximum power dissipation of the
package,
use
the
junction-to-ambient
thermal
resistance of the device and the following basic
equation:
EQUATION 5-1:
PDMAX

T JMAX

T A
–
 
JA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com