Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3130 Datasheet(PDF) 21 Page - Microchip Technology

Part # MGC3130
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 17Page - Microchip Technology MGC3130 Datasheet HTML 18Page - Microchip Technology MGC3130 Datasheet HTML 19Page - Microchip Technology MGC3130 Datasheet HTML 20Page - Microchip Technology MGC3130 Datasheet HTML 21Page - Microchip Technology MGC3130 Datasheet HTML 22Page - Microchip Technology MGC3130 Datasheet HTML 23Page - Microchip Technology MGC3130 Datasheet HTML 24Page - Microchip Technology MGC3130 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
6.
Functional Description
Microchip Technology’s GestIC technology utilizes electrical near-field (E-field) sensing. The chip is
connected to electrodes that are sensing the E-field variance. The GestIC device then calculates the
user’s hand motion relatively to the sensing area in x, y, z position data, and classifies the movement
pattern into gestures in real time. In addition, by utilizing the principles of E-field sensing, the GestIC
system is immune to ambient influences such as light or sound, which have a negative impact on the
majority of other 3D technologies. Also, it allows full-surface coverage of the electrode area with no
detection blind spots of a user’s action.
Microchip Technology’s MGC3140 is a configurable controller. Featuring a Signal Processing Unit (SPU),
a wide range of 3D gesture applications are being processed on the MGC3140, which allows short
development cycles. Always-on 3D sensing is enabled, even for battery-driven devices, by the chip’s low-
power design and the variety of programmable power modes. GestIC sensing electrodes are driven by a
low-voltage signal with frequencies of 42, 43, 44, 45, and 100 kHz, allowing their electrical conductive
structure to be made of any low-cost material. Figure 6-1 provides an overview of the main building
blocks of MGC3140.
Figure 6-1. MGC3140 Block Diagram
(SPU)
Internal System
Tx Signal Generation
External
Sensor
Electrodes
MGC3140
5 Tx Electrodes
Operation Modes:
- Full Mode
- Deep Sleep
Rx Electrodes
Measurement
5 Rx
Electrodes
Communication
I2C
Gesture
Recognition
Position
Data
Raw Data
Reset Block
Clock
Signal Processing
Unit
Power Management
Unit (PMU)
Diagnostics
6.1
Reset
The Reset block combines all Reset sources. It controls the device system’s Reset signal (SYSRST). The
following is a list of device Reset sources:
•
MCLR: Master Clear Reset pin
•
SWR: Software Reset available through GestIC Library Loader
•
Power-on Reset (POR)
•
Brown-out Reset (BOR)
•
Watchdog Timer Reset (WDTR)
MGC3140
Functional Description
© 2018 Microchip Technology Inc.
DS40002037A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com