Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3130 Datasheet(PDF) 27 Page - Microchip Technology

Part # MGC3130
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 23Page - Microchip Technology MGC3130 Datasheet HTML 24Page - Microchip Technology MGC3130 Datasheet HTML 25Page - Microchip Technology MGC3130 Datasheet HTML 26Page - Microchip Technology MGC3130 Datasheet HTML 27Page - Microchip Technology MGC3130 Datasheet HTML 28Page - Microchip Technology MGC3130 Datasheet HTML 29Page - Microchip Technology MGC3130 Datasheet HTML 30Page - Microchip Technology MGC3130 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
•
I2C Start bit detection
•
On MCLR Reset
The Deep Sleep mode can be enabled by GestIC Library messages.
6.4.3
Wake-up-on-Approach Mode
The Wake-up-on-Approach mode is a low power mode allowing an autonomous wake-up of the
MGC3140 and application host. In this mode, the MGC3140 is automatically and periodically alternating
between Deep Sleep and scan phases.
During the approach scan phase, the sensor will be able to detect an approach of the human hand and
change to Processing mode accordingly.
The MGC3140’s fast wake-up, typically below 1 ms, allows the performance of scans in very efficient
periods and to maximize the Sleep phase.
Additionally, the sensor will perform periodic AFA scans in which the sensor will scan through all available
Tx frequencies and select an optimal frequency depending on the signals’ noise level.
The periodic wake-up sequence is triggered by a programmable wake-up timer running at the low-speed
Oscillator 32 kHz frequency. The repetition rate of the scan can be adjusted via the host, affecting the
sensitivity and current consumption during Wake-up-on-Approach.
The MGC3140 enters the Self Wake-up mode by a GestIC Library message or by a non-activity time-out.
Non-activity means no user detection within the sensing area.
The MGC3140 will resume from Self Wake-up on one of the following events:
•
Detection of a human hand approaching the sensor
•
I2C Start bit detection
•
On MCLR or WDTR
6.4.4
Transmit Signal Generation
The Tx signal generation block provides five bandwidth limited square wave signals for the transmit
electrode. The five Tx signals are combined through a resistive network to provide a single Tx signal to
the Tx electrode. This provides slew control to the rising and falling Tx signal edges in order to reduce
radiated emissions. Frequency hopping automatically adjusts the Tx carrier frequency choosing one of
the five transmit frequencies, depending on the environmental noise conditions. GestIC Library
automatically selects the lowest noise working frequency in case the sensor signal is compromised.
Frequencies can be enabled/disabled via the GestIC Library.
6.4.5
Receive (Rx) Channels
There are five identical Rx channels that can be used for five respective receive electrodes. Four receive
electrodes are required for Position Tracking and Gesture Recognition. A fifth electrode can be used for
touch detection and for approach detection in Wake-up on Approach mode. Every Rx input pin is
connected to its own dedicated ADC. The Rx input signal is sampled at a sampling rate equal to double
the Tx frequency, providing a high and low ADC sample.
The electrodes can be connected in any order to the external electrodes. The channel assignment is then
done in a parameterization step in Aurea GUI or alliteratively using I2C commands.
MGC3140
Functional Description
© 2018 Microchip Technology Inc.
DS40002037A-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com