Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6320 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC6320
Description  N-Channel and P-Channel Enhancement-Mode MOSFET Pair
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6320 Datasheet(HTML) 5 Page - Microchip Technology

  TC6320 Datasheet HTML 1Page - Microchip Technology TC6320 Datasheet HTML 2Page - Microchip Technology TC6320 Datasheet HTML 3Page - Microchip Technology TC6320 Datasheet HTML 4Page - Microchip Technology TC6320 Datasheet HTML 5Page - Microchip Technology TC6320 Datasheet HTML 6Page - Microchip Technology TC6320 Datasheet HTML 7Page - Microchip Technology TC6320 Datasheet HTML 8Page - Microchip Technology TC6320 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
P-CHANNEL ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = TJ = 25°C unless otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
DC PARAMETER (Note 1 unless otherwise specified)
Drain-to-source Breakdown Voltage
BVDSS
–200
—
—
V
VGS = 0V, ID = –2 mA
Gate Threshold Voltage
VGS(th)
–1
—
–2.4
V
VGS = VDS, ID = –1 mA
Change in VGS(th) with Temperature
∆VGS(th)
—
—
4.5
mV/°C VGS = VDS, ID = –1 mA (Note 2)
Gate-to-source Shunt Resistor
RGS
10
—
50
kΩ
IGS = 100 µA
Gate-to-Source Zener Voltage
VZGS
13.2
—
25
V
IGS = –2 mA
Zero-gate Voltage Drain Current
IDSS
—
—
–10
µA
VDS = Maximum rating, 
VGS = 0V
—
—
–1
mA
VDS = 0.8 Maximum rating,
VGS = 0V, TA = 125°C (Note 2)
On-state Drain Current
ID(ON)
–1
—
—
A
VGS = –4.5V, VDS = –25V
–2
—
—
VGS = –10V, VDS = –25V
Static Drain-to-source On-state
Resistance
RDS(ON)
—
—
10
Ω
VGS = –4.5V, ID = –150 mA
—
—
8
VGS = –10V, ID = –1A
Change in RDS(ON) with Temperature ∆RDS(ON)
—
—
1
%/°C
VGS = –10V, ID = –200 mA (Note 2)
AC PARAMETER (Note 2)
Forward Transconductance
GFS
400
—
—
mmho VDS = –25V, ID = –500 mA
Input Capacitance
CISS
—
—
200
pF
VGS = 0V,
VDS = –25V,
f = 1 MHz
Common Source Output
Capacitance
COSS
—
—
55
pF
Reverse Transfer Capacitance
CRSS
—
—
30
pF
Turn-on Delay Time
td(ON)
—
—
10
ns
VDD = –25V,
ID = –1A,
RGEN = 25Ω
Rise Time
tr
—
—
15
ns
Turn-off Delay Time
td(OFF)
—
—
20
ns
Fall Time
tf
—
—
15
ns
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
–1.8
V
VGS = 0V, ISD = –500 mA (Note 1)
Reverse Recovery Time
trr
—
300
—
ns
VGS = 0V, ISD = –500 mA (Note 2)
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated. Pulse test: 300 µs pulse, 2% duty
cycle.
2: Specification is obtained by characterization and is not 100% tested.
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise specified, for all specifications TA =TJ = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature
TA
–55°C
—
+150
°C
Storage Temperature
TS
–55°C
—
+150
°C
PACKAGE THERMAL RESISTANCE
8-lead DFN
JA
—
44
—
°C/W
Note 1
8-lead SOIC
JA
—
101
—
°C/W
Note 1
 2017 Microchip Technology Inc.
DS20005697A-page 5
TC6320
Note 1: 1 oz., four-layer, 3” x 4” PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com