Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6320 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC6320
Description  N-Channel and P-Channel Enhancement-Mode MOSFET Pair
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6320 Datasheet(HTML) 1 Page - Microchip Technology

  TC6320 Datasheet HTML 1Page - Microchip Technology TC6320 Datasheet HTML 2Page - Microchip Technology TC6320 Datasheet HTML 3Page - Microchip Technology TC6320 Datasheet HTML 4Page - Microchip Technology TC6320 Datasheet HTML 5Page - Microchip Technology TC6320 Datasheet HTML 6Page - Microchip Technology TC6320 Datasheet HTML 7Page - Microchip Technology TC6320 Datasheet HTML 8Page - Microchip Technology TC6320 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2017 Microchip Technology Inc.
DS20005697A-page 1
TC6320
Features
• Integrated Gate-to-source Resistor
• Integrated Gate-to-source Zener Diode
• Low Threshold
• Low On-resistance
• Low Input Capacitance
• Fast Switching Speeds
• Free from Secondary Breakdown
• Low Input and Output Leakage
• Independent Electrically Isolated N-channel and
P-channel
Applications
• High-voltage Pulsers
• Amplifiers
•Buffers
• Piezoelectric Transducer Drivers
• General Purpose Line Drivers
• Logic-level Interfaces
General Description
The TC6320 consists of high-voltage, low-threshold
N-channel and P-channel MOSFETs in 8-lead SOIC
and DFN packages. Both MOSFETs have integrated
gate-to-source resistors and gate-to-source Zener
diode clamps which are desired for high-voltage pulser
applications. It is a complimentary, high-speed,
high-voltage, gate-clamped N-channel and P-channel
MOSFET pair, which utilizes an advanced vertical
DMOS structure and a well-proven silicon gate
manufacturing process. This combination produces a
device with the power handling capabilities of bipolar
transistors and with the high input impedance and
positive temperature coefficient inherent in MOS
devices. Characteristic of all MOS structures, this
device is free from thermal runaway and thermally
induced secondary breakdown.
Microchip’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications
where very low threshold voltage, high breakdown
voltage, high input impedance, low input capacitance
and fast switching speeds are desired.
Package Type
8-lead SOIC
(Top view)
See Table 2-1 and Table 2-2 for pin information.
8
7
6
5
1
2
3
4
SN
GN
SP
GP
DN
DN
DP
DP
5-lead DFN
(Top view)
8
7
6
5
1
2
3
4
SN
GN
GP
SP
DN
DN
DP
DP
DN
DP
s
N-Channel and P-Channel Enhancement-Mode MOSFET Pair


Similar Part No. - TC6320

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
378Kb / 4P
N- and P- Channel Enhancement-Mode Dual MOSFET
TC6320 SUTEX-TC6320 Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
More results

Similar Description - TC6320

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC7320 SUTEX-TC7320 Datasheet
218Kb / 5P
Six Pair N- and P-Channel Enhancement-Mode MOSFET
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
N- and P-Channel Enhancement-Mode MOSFET Pair
logo
Cystech Electonics Corp...
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
N- AND P-Channel Enhancement Mode MOSFET
logo
Supertex, Inc
TC8220 SUTEX-TC8220 Datasheet
585Kb / 6P
Two Pair, N- and P-Channel Enhancement-Mode MOSFET
TC8020 SUTEX-TC8020 Datasheet
684Kb / 8P
Six Pair, N- and P-Channel Enhancement-Mode MOSFET
logo
Microchip Technology
TC6321 MICROCHIP-TC6321 Datasheet
427Kb / 26P
N- and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com