Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2MDCTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # IIS2MDCTR
Description  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDCTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button IIS2MDCTR Datasheet HTML 28Page - STMicroelectronics IIS2MDCTR Datasheet HTML 29Page - STMicroelectronics IIS2MDCTR Datasheet HTML 30Page - STMicroelectronics IIS2MDCTR Datasheet HTML 31Page - STMicroelectronics IIS2MDCTR Datasheet HTML 32Page - STMicroelectronics IIS2MDCTR Datasheet HTML 33Page - STMicroelectronics IIS2MDCTR Datasheet HTML 34Page - STMicroelectronics IIS2MDCTR Datasheet HTML 35Page - STMicroelectronics IIS2MDCTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Register description
IIS2MDC
32/40
DocID030986 Rev 1
8.7
CFG_REG_C (62h)
Table 30. CFG_REG_C register
Table 31. CFG_REG_C register description
8.8
INT_CTRL_REG (63h)
The interrupt control register is used to enable and to configure the interrupt recognition.
Table 32. INT_CRTL_REG register
0
INT_on_PIN
I2C_DIS
BDU
BLE
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
Self_test
DRDY_on_PIN
INT_on_PIN
If '1', the INTERRUPT signal (INT bit in INT_SOURCE_REG (64h)) is driven
on the INT/DRDY pin. The INT/DRDY pin is configured in push-pull output mode.
Default value: 0
I2C_DIS
If ‘1’, the I2C interface is inhibited. Only the SPI interface can be used.
BDU
If enabled, reading of incorrect data is avoided when the user reads asynchro-
nously. In fact if the read request arrives during an update of the output data, a
latch is possible, reading incoherent high and low parts of the same register. Only
one part is updated and the other one remains old.
BLE
If ‘1’, an inversion of the low and high parts of the data occurs.
Self_test
If ‘1’, the self-test is enabled.
DRDY_on_PIN
If '1', the data-ready signal (Zyxda bit in STATUS_REG (67h)) is driven on the
INT/DRDY pin. The INT/DRDY pin is configured in push-pull output mode.
Default value: 0
XIEN
YIEN
ZIEN
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
IEA
IEL
IEN
Table 33. INT_CTRL_REG register description
XIEN
Enables the interrupt detection for the X-axis. Default: 1
(1: enabled; 0: disabled)
YIEN
Enables the interrupt detection for the Y-axis. Default: 1
(1: enabled; 0: disabled)
ZIEN
Enables the interrupt detection for the Z-axis. Default: 1
(1: enabled; 0: disabled)
IEA
Controls the polarity of the INT bit (INT_SOURCE_REG (64h)) when an interrupt
occurs. Default: 0
If IEA = 0, then INT = 0 signals an interrupt.
If IEA = 1, then INT = 1 signals an interrupt.
IEL
Controls whether the INT bit (INT_SOURCE_REG (64h)) is latched or pulsed. Default: 0
If IEL = 0, then INT is pulsed.
If IEL = 1, then INT is latched.
Once latched, INT remains in the same state until INT_SOURCE_REG (64h) is read.
IEN
Interrupt enable. When set, enables the interrupt generation. The INT bit
is in INT_SOURCE_REG (64h). Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com