Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2MDCTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # IIS2MDCTR
Description  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDCTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button IIS2MDCTR Datasheet HTML 29Page - STMicroelectronics IIS2MDCTR Datasheet HTML 30Page - STMicroelectronics IIS2MDCTR Datasheet HTML 31Page - STMicroelectronics IIS2MDCTR Datasheet HTML 32Page - STMicroelectronics IIS2MDCTR Datasheet HTML 33Page - STMicroelectronics IIS2MDCTR Datasheet HTML 34Page - STMicroelectronics IIS2MDCTR Datasheet HTML 35Page - STMicroelectronics IIS2MDCTR Datasheet HTML 36Page - STMicroelectronics IIS2MDCTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DocID030986 Rev 1
33/40
IIS2MDC
Register description
40
8.9
INT_SOURCE_REG (64h)
When interrupt latched is selected, reading this register resets all the bits in this register.
Table 34. INT_SOURCE_REG register
Table 35. INT_SOURCE_REG register description
8.10
INT_THS_L_REG (65h)
This register contains the least significant bits of the threshold value chosen for the interrupt.
Table 36. INT_THS_L_REG register
Table 37. INT_THS_L_REG register description
8.11
INT_THS_H_REG (66h)
This register contains the most significant bits of the threshold value chosen for the
interrupt.
Table 38. INT_THS_H_REG register
Table 39. INT_THS_H_REG register description
These registers set the threshold value for the output to generate the interrupt (INT bit in
INT_SOURCE_REG (64h)). This threshold is common to all three (axes) output values and
is unsigned unipolar. The threshold value is correlated to the current gain and it is unsigned
because the threshold is considered as an absolute value, but crossing the threshold is
detected for both positive and negative sides.
P_TH_S_
X
P_TH_S_
Y
P_TH_S_
Z
N_TH_S_
X
N_TH_S_
Y
N_TH_S_
Z
MROI
INT
P_TH_S_X
X-axis value exceeds the threshold positive side
P_TH_S_Y
Y-axis value exceeds the threshold positive side
P_TH_S_Z
Z-axis value exceeds the threshold positive side
N_TH_S_X
X-axis value exceeds the threshold negative side
N_TH_S_Y
Y-axis value exceeds the threshold negative side
N_TH_S_Z
Z-axis value exceeds the threshold negative side
MROI
MROI flag generation is alway enabled.This flag is reset by reading
INT_SOURCE_REG (64h).
INT
This bit signals when the interrupt event occurs.
TH7
TH6
TH5
TH4
TH3
TH2
TH1
TH0
TH[7:0]
Threshold value for the interrupt.
TH15
TH14
TH13
TH12
TH11
TH10
TH9
TH8
TH[15:8]
Threshold value for the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com