Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS3DHHC Datasheet(PDF) 5 Page - STMicroelectronics

Part # IIS3DHHC
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHC Datasheet(HTML) 5 Page - STMicroelectronics

  IIS3DHHC Datasheet HTML 1Page - STMicroelectronics IIS3DHHC Datasheet HTML 2Page - STMicroelectronics IIS3DHHC Datasheet HTML 3Page - STMicroelectronics IIS3DHHC Datasheet HTML 4Page - STMicroelectronics IIS3DHHC Datasheet HTML 5Page - STMicroelectronics IIS3DHHC Datasheet HTML 6Page - STMicroelectronics IIS3DHHC Datasheet HTML 7Page - STMicroelectronics IIS3DHHC Datasheet HTML 8Page - STMicroelectronics IIS3DHHC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
2.3
Temperature sensor characteristics
@ Vdd = 2.8 V, T = 25 °C unless otherwise noted.
Table 4. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min. (1) Typ. (2) Max.(1)
Unit
TSDr
Temperature sensor output change vs. temperature
16
digit/°C
Tn
Temperature sensor noise (RMS)
0.1
°C
Ta
Temperature accuracy
-15
+15
°C
TODR
Temperature refresh rate
Equal to ODR/16
62.5
Hz
TNL
Temperature nonlinearity
Best-fit straight line
5
% Top
Top
Operating temperature range
-40
+85
°C
1. Min/Max values are based on characterization results, not tested in production and not guaranteed
2. Typical specifications are not guaranteed.
IIS3DHHC
Temperature sensor characteristics
DS12292 - Rev 3
page 5/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com