Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS3DHHC Datasheet (PDF) - STMicroelectronics

IIS3DHHC Datasheet PDF - STMicroelectronics
Part # IIS3DHHC
Download  IIS3DHHC Download
File Size   663.78 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-resolution, high-stability 3-axis digital accelerometer

IIS3DHHC Datasheet (PDF)

Go To PDF Page Download Datasheet
IIS3DHHC Datasheet PDF - STMicroelectronics

Part # IIS3DHHC
Download  IIS3DHHC Click to download

File Size   663.78 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-resolution, high-stability 3-axis digital accelerometer

IIS3DHHC Datasheet (HTML) - STMicroelectronics


IIS3DHHC Product details

Description
The IIS3DHHC is an ultra-low noise, high-stability three-axis linear accelerometer. The IIS3DHHC has a full scale of ±2.5 g and is capable of providing the measured accelerations to the application through an SPI 4-wire digital interface. The sensing element is manufactured using a dedicated micromachining process developed by STMicroelectronics to produce inertial sensors and actuators on silicon wafers. The IC interface is manufactured using a CMOS process that allows a high level of integration to design a dedicated circuit which is trimmed to better match the characteristics of the sensing element. The IIS3DHHC is available in a high-performance (low-stress) ceramic cavity land grid array (CC LGA) package and can operate within a temperature range of -40 °C to +85 °C. Product status link IIS3DHHC Product summary

Features
■ 3-axis, ±2.5 g full-scale
■ Ultra-low noise performance: 45 µg/√Hz
■ Excellent stability over temperature (<0.4 mg/°C) and time
■ 16-bit data output
■ SPI 4-wire digital output interface
■ Embedded FIFO (depth 32 levels)
■ Embedded temperature sensor
■ 12-bit temperature data output
■ High shock survivability
■ Extended operating temperature range (-40 °C to +85 °C)
■ ECOPACK, RoHS and “Green” compliant

Applications
■ Precision inclinometer
■ Antenna and platform pointing and leveling
■ Leveling instruments




Similar Part No. - IIS3DHHC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
150Kb / 4P
Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
More results


Similar Description - IIS3DHHC

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D04 VTI-SCA3100-D04 Datasheet
148Kb / 6P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
3-axis accelerometer
logo
Analog Devices
ADXL288 AD-ADXL288 Datasheet
76Kb / 2P
High Performance, Dual-Axis Digital Output Accelerometer
Rev. Sp0
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
3-Axis, 200 g Digital Accelerometer
REV. 0
logo
STMicroelectronics
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
LIS302DL 3-axis digital MEMS accelerometer
17-Jan-2008
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
LIS331DL 3-axis digital MEMS accelerometer
24-Jun-2008
logo
NXP Semiconductors
MMA8491Q NXP-MMA8491Q Datasheet
659Kb / 28P
3-Axis Multifunction Digital Accelerometer
Rev. 2.1-26 April 2016
logo
MEMSIC Semiconductor (T...
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
3-Axis Accelerometer
APS-045-0020 v2.1
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
3-Axis Accelerometer
APS-048-0072v1.2.1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com