Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVALCTM009V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVALCTM009V1
Description  5 kW low voltage high current inverter for industrial motor control applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALCTM009V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVALCTM009V1 Datasheet HTML 1Page - STMicroelectronics STEVALCTM009V1 Datasheet HTML 2Page - STMicroelectronics STEVALCTM009V1 Datasheet HTML 3Page - STMicroelectronics STEVALCTM009V1 Datasheet HTML 4Page - STMicroelectronics STEVALCTM009V1 Datasheet HTML 5Page - STMicroelectronics STEVALCTM009V1 Datasheet HTML 6Page - STMicroelectronics STEVALCTM009V1 Datasheet HTML 7Page - STMicroelectronics STEVALCTM009V1 Datasheet HTML 8Page - STMicroelectronics STEVALCTM009V1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
STEVAL-CTM004V1 (power board)
–
insulated metal substrate (IMS)
–
hosts 36 STH310N10F7 or STH315N10F7 power MOSFETs in the
H²PAK-6 (6x switch) package
–
Decoupling gate resistors (2.2 Ω)
–
3-shunt resistors ground referred for current sensing (optional)
–
3 NTCs for thermal protection
•
STEVAL-CTM005V1 (bulk capacitor board)
–
22x 270 μF, 100 V through-hole aluminium electrolytic capacitor
•
STEVAL-CTM006V1 (driver board)
–
based on 3x L6491 gate driver with current capability up to 4 A sink/source
–
34-pin MC connector
–
overcurrent, overtemperature and overvoltage protection
•
STEVAL-CTM008V1 (current sensing board)
–
accurate phase current sensing
–
DC current sensing (ICS not mounted)
–
possibility of overdriving VREF with an external reference voltage
Description
The STEVAL-CTM009V1 evaluation kit for motor control is designed to demonstrate
the capabilities of ST Power MOSFETs based on STripFET™ F7 technology. The
100 V STripFET™ F7 devices (STH31*N10F7) are ideal for low voltage (up to 48 V),
high current applications such as forklifts, golf carts and power tool.
The STEVAL-CTM009V1 kit is composed of the STEVAL-CTM004V1, STEVAL-
CTM005V1, STEVAL-CTM006V1, STEVAL-CTM008V1 boards which have to
assembled together to build an inverter power stage for three-phase motors.
The STEVAL-CTM004V1 power board features an insulated metal substrate (IMS),
NTCs for thermal protection and decoupling gate resistors for each power MOSFET.
The board mounts ST devices in the H²PAK-6 package.
The driver stage is an STEVAL-CTM006V1 board with L6491 high current capability
gate drivers to drive the power MOSFETs and integrated comparator for protections.
The driver board includes the ST motor control connector, so you can interface the
STEVAL-CTM009V1 with any ST MCU control board suitable for motor control (not
included in the kit).
The system also has an STEVAL-CTM005V1 bus link capacitor board used to
connect the 48 VDC power source (e.g. the battery) to manage the ripple current and
an STEVAL-CTM008V1 current sensing board to read the three-phase currents and
DC bus current (not assembled) thanks to the on-board ICS. The internal reference
for the ICSs can be overridden by providing an external reference voltage.
Product summary
Low voltage high
current inverter for
industrial motor
control applications
STEVAL-
CTM009V1
N-channel 100 V, 1.9
mOhm typ., 180 A
STripFET F7 Power
MOSFET in H²PAK-6
package
STH310N10F7-6
Automotive-grade N-
channel 100 V, 2.1
mOhm typ., 180 A
STripFET F7 Power
MOSFET in H²PAK-6
package
STH315N10F7-6
High and low-side 4 A
gate driver
L6491
5 kW low voltage high current inverter for industrial motor control applications
STEVAL-CTM009V1
Data brief
DB3709 - Rev 2 - October 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVALCTM009V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-2STPD01 STMICROELECTRONICS-STEVAL-2STPD01 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
STEVAL-3DP001V1 STMICROELECTRONICS-STEVAL-3DP001V1 Datasheet
482Kb / 11P
Discovery board for 3D printer including 6-axis stepper motor driver based on the L6474H
02-May-2017
STEVAL-56G3MAI STMICROELECTRONICS-STEVAL-56G3MAI Datasheet
804Kb / 5P
VD56G3 S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD56G3 image sensor
17-Jun-2024
STEVAL-66GYMAI STMICROELECTRONICS-STEVAL-66GYMAI Datasheet
805Kb / 5P
VD66GY S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD66GY image sensor
17-Jun-2024
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
More results

Similar Description - STEVALCTM009V1

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
Phase Control Circuit for Industrial Applications
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
High Power Switching Applications Motor Control Applications
29-May-2001
logo
Mitsubishi Electric Sem...
MG300Q2YS60A MITSUBISHI-MG300Q2YS60A Datasheet
218Kb / 8P
High Power Switching Applications Motor Control Applications
MG400Q2YS60A MITSUBISHI-MG400Q2YS60A Datasheet
219Kb / 8P
High Power Switching Applications Motor Control Applications
logo
Infineon Technologies A...
BFR460L3 INFINEON-BFR460L3_13 Datasheet
602Kb / 8P
For low voltage / low current applications
2013-09-13
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
High Current, Low Profi le for Inverter Applications
947D CDE-947D Datasheet
590Kb / 9P
High Current, High Capacitance for Inverter Applications
logo
Toshiba Semiconductor
2SD1034A TOSHIBA-2SD1034A Datasheet
128Kb / 3P
HIGH POWER SWITCHING APPLICATIONS. DC-AC POWER INVERTER APPLICATIONS MOTOR CONTROL APPLICATIONS.
2SD548 TOSHIBA-2SD548 Datasheet
120Kb / 3P
HIGH POWER SWITCHING APPLICATIONS. DC-AC POWER INVERTER APPLICATIONS. MOTOR CONTROL APPLICATIONS.
2SD700 TOSHIBA-2SD700 Datasheet
245Kb / 3P
HIGH POWER SWITCHING APPLICATIONS. DC-AC POWER INVERTER APPLICATIONS. MOTOR CONTROL APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com